Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM2500 Datasheet(PDF) 4 Page - Humirel

Part # HTM2500
Description  RELATIVE HUMIDITY/ TEMPERATURE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTM2500 Datasheet(HTML) 4 Page - Humirel

  HTM2500_02 Datasheet HTML 1Page - Humirel HTM2500_02 Datasheet HTML 2Page - Humirel HTM2500_02 Datasheet HTML 3Page - Humirel HTM2500_02 Datasheet HTML 4Page - Humirel HTM2500_02 Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA
4
The information in this sheet has been carefully reviewed and is believed to be accurate; however, no responsability is assumed for inaccuracies. Furthermore, this information does not convey to the purchaser of such
devices any license under the patent rights to the manufacturer. Humirel reserves the right to make changes without further notice to any product herein. Humirel makes no warranty, representation or guarantee regard-
ing the suitability of its product for any particular purpose, nor does Humirel assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including with-
out limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating parameters, including “Typical” must be validated for each customer applications by cus-
tomerís technical experts. Humirel does not convey any license under its patent rights nor the rights of others. Humirel products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other application intended to support or sustain life, or for any application in which the failure of the Humirel product could create a situation where personal injury or death may occur.
Should buyer purchase or use Humirel products for any such unintended or unauthorized application, Buyer shall indemnify and hold Humirel and its officers, employees, subsidaries, affiliates and distributors harmless
against all claims, costs, damages and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of presonal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that Humirel was negligent regarding the design or manufacture of the part.Humirel is a registred trade mark of Humirel.
HPC032 Rev. B Jul 2002
email: sales@humirel.com
q RESISTANCE TO PHYSICAL AND CHEMICAL STRESSES.
q
HTM2500 has passed through qualification processes of HUMIREL including vibration, shock, storage, high temperature
and humidity, ESD.
q
Additional tests under harsh chemical conditions demonstrate good operation in presence of salt atmosphere, SO
2
(O.5%), H
2S (0.5%), O3, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4, HNO3, HCl), HMDS, Insecticide,
Cigarette smoke, a non exhaustive list.
q
HTM1500 is not light sensitive.
q SPECIFIC PRECAUTIONS
q
HTM2500 is not protected against reversed polarity - Check carefully when connecting the device.
q
If you wish to use HTM1500 in a chemical atmosphere not listed above, consult us.
PACKAGE
OUTLINE
HTM2500
Dim
Min (mm)
Max (mm)
A
53
55
B
74.3
76.3
C
11.2
11.6
D*
200
250
Wire
Color
Function
W1
Brownround
W3
Yellow
Humidity Voltage
ORDERING INFORM A TION (MU L TIPLE P ACKAGE QUANTITY OF 10 PIECES).
HT M 2 5 00
HUMIDITY ANALOG VO L T AGE OUTPUT MODULE .
www.humirel.com
*
specific lenght available on request
Green
NTC Resistance
W1
Brown
Ground
W2
White
Supply Voltage
W3
Yellow
Humidity Voltage
W4
Green
NTC Resistance
W5
Black
Shield


Similar Part No. - HTM2500_02

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
More results

Similar Description - HTM2500_02

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HM1520LF HUMIREL-HM1520LF Datasheet
199Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500 HUMIREL-HM1500 Datasheet
109Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500LF HUMIREL-HM1500LF Datasheet
201Kb / 3P
   RELATIVE HUMIDITY MODULE
HM1520 HUMIREL-HM1520 Datasheet
80Kb / 4P
   RELATIVE HUMIDITY MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com