Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2358_0806 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2358_0806
Description  TPS2358 Dual-Slot ATCA AdvancedMC??Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2358_0806 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2358_0806 Datasheet HTML 1Page - Texas Instruments TPS2358_0806 Datasheet HTML 2Page - Texas Instruments TPS2358_0806 Datasheet HTML 3Page - Texas Instruments TPS2358_0806 Datasheet HTML 4Page - Texas Instruments TPS2358_0806 Datasheet HTML 5Page - Texas Instruments TPS2358_0806 Datasheet HTML 6Page - Texas Instruments TPS2358_0806 Datasheet HTML 7Page - Texas Instruments TPS2358_0806 Datasheet HTML 8Page - Texas Instruments TPS2358_0806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS2358
SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
IN3A = IN3B = VDD3A = VDD3B = 3.3 V. IN12A = IN12B = SENPA = SENPB = SENMA = SENMB = SETPA =
SETPB = 12 V. EN12A = EN12B = EN3A = EN3B = ORENA = ORENB = CT12A = CT12B = CT3A = CT3B = AGND =
GNDA = GNDB = 0 V. SUM12A = SUM12B = 6.8 k
Ω to ground. SUM3A = SUM3B = 3.3 kΩ to ground. All other pins open.
Over free air temperature operating range and all voltages referenced to AGND, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
12-V UVLO
UVLO rising
IN12x rising
8.1
8.5
8.9
V
UVLO hysteresis(2)
IN12x falling
0.44
0.5
0.59
12-V BLOCKING
Turn-on threshold
Measure VSENPx – VOUTx
5
10
15
mV
Turn-off threshold
Measure VSENPx – VOUTx
–5
–3
0
Turn-off delay(2)
20 mV overdrive, CBLKx = 0 pF, tp50-50
200
300
ns
12-V Gate Drivers ( PASSx, BLKx )
Output voltage
VINx = VOUTx = 10 V
21.5
23
24.5
V
Sourcing current
VIN12x = VOUT12x = 10 V, VPASSx = VBLKx = 17 V
20
30
40
µA
Fast turnoff, VPASSx = VBLKx = 14 V
0.5
1
A
Sinking current
Sustained, VPASSx = VBLKx = 4 – 25 V
6
14
25
mA
Pulldown resistance
In OTSD ( at 150 °C )
14
20
26
k
Fast turn-off duration(2)
5
10
15
µs
Disable delay(2)
EN12x pin to PASSx and BLKx, tp50-90
1
µs
Startup time(2)
IN12x rising to PASSx and BLKx sourcing
0.25
ms
3.3-V Summing Node
Summing threshold
655
675
695
mV
3.3-V Current Limit
On resistance
IOUT3x = 150 mA
290
500
m
Current limit
RSUM3x = 3.3 kΩ , VOUT3x = 0 V
170
195
225
mA
Fast trip threshold
250
300
400
Fast turn-off delay(2)
IOUT3x = 400 mA, tp50-50
750
1300
ns
3.3-V UVLO
UVLO rising
IN3x rising
2.65
2.75
2.85
V
UVLO hysteresis(2)
IN3x falling
200
240
300
mV
Supply Currents (IINx + ISENPx + ISENMx + ISETx + IVDDx)
All channels enabled
IOUT3A = IOUT3B = 0
3.1
4
mA
All channels disabled
2
2.8
Thermal Shutdown
Whole-chip shutdown
TJ rising, IOUT3A = IOUT3B = 0
140
150
temperature(2)
3.3 V channel shutdown
°C
TJ rising, IOUT3A or IOUT3B in current limit
130
140
temperature(2)
Hysteresis(2)
Whole chip or 3.3-V channel
10
(2)
Not production tested.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2358


Similar Part No. - TPS2358_0806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results

Similar Description - TPS2358_0806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
Advantech Co., Ltd.
ATCA-7310 ADVANTECH-ATCA-7310 Datasheet
1Mb / 1P
   Dual CN6880 ATCA Node Blade with 40GbE Switch
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
   ATCA Board Power Input Modules
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
   Dual Slot PCI-Express Power Controller
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com