Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2358RGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2358RGZT
Description  TPS2358 Dual-Slot ATCA AdvancedMC??Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2358RGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2358RGZT Datasheet HTML 4Page - Texas Instruments TPS2358RGZT Datasheet HTML 5Page - Texas Instruments TPS2358RGZT Datasheet HTML 6Page - Texas Instruments TPS2358RGZT Datasheet HTML 7Page - Texas Instruments TPS2358RGZT Datasheet HTML 8Page - Texas Instruments TPS2358RGZT Datasheet HTML 9Page - Texas Instruments TPS2358RGZT Datasheet HTML 10Page - Texas Instruments TPS2358RGZT Datasheet HTML 11Page - Texas Instruments TPS2358RGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TPS2358
SLUS820D – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
PIN#
NAME
TYPE
DESCRIPTION
13
CT12B
I/O
12B fault timing capacitor
14
FLT12B
O
12B fault output, active low, asserted when 12B fault timer runs out
15
BLKB
O
12B blocking transistor gate drive
16
OUT12B
I/O
12B output
17
GNDB
GND
12B power ground
18
ORENB
I
12B blocking transistor enable, active low
19
PASSB
O
12B pass transistor gate drive
20
SENMB
I
12B current limit sense
21
SETB
I
12B current limit set
22
SENPB
I
12B input sense
23
IN12B
VDD
12B input
24
IN3B
VDD
3B input
25
OUT3B
I/O
3B output
26
CT3B
I/O
3B fault timing capacitor
27
FLT3B
O
3B fault output, active low, asserted when 3B fault timer runs out
28
PG3B
O
3B power good output, active low, asserts when OUT3B > 2.8 V
29
SUM3B
I/O
3B summing node
30
VDD3B
VDD
3B charge pump input
31
AGND
GND
Analog ground
32
SUM3A
I/O
3A summing node
33
PG3A
O
3A power good output, active low, asserts when OUT3A > 2.8 V
34
FLT3A
O
3A fault output, active low, asserted when 3A fault timer runs out
35
CT3A
I/O
3A fault timing capacitor
36
OUT3A
I/O
3A output
37
IN3A
VDD
3A input
38
VDD3A
VDD
3A charge pump input
39
EN3B
I
3B enable, (default active low)
40
EN3A
I
3A enable, (default active low)
41
EN12B
I
12B enable, (default active low)
42
PASSA
O
12A pass transistor gate drive
43
EN12A
I
12A enable, (default active low)
44
GNDA
GND
12A power ground
45
OUT12A
I/O
12A output
46
BLKA
O
12A blocking transistor gate drive
47
FLT12A
I/O
12A fault output, active low, asserted when 12A fault timer runs out
48
CT12A
I/O
12A fault timing capacitor
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2358


Similar Part No. - TPS2358RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results

Similar Description - TPS2358RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
Advantech Co., Ltd.
ATCA-7310 ADVANTECH-ATCA-7310 Datasheet
1Mb / 1P
   Dual CN6880 ATCA Node Blade with 40GbE Switch
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
   ATCA Board Power Input Modules
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
   Dual Slot PCI-Express Power Controller
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com