Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5481 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5481_08 Datasheet HTML 5Page - Texas Instruments ADS5481_08 Datasheet HTML 6Page - Texas Instruments ADS5481_08 Datasheet HTML 7Page - Texas Instruments ADS5481_08 Datasheet HTML 8Page - Texas Instruments ADS5481_08 Datasheet HTML 9Page - Texas Instruments ADS5481_08 Datasheet HTML 10Page - Texas Instruments ADS5481_08 Datasheet HTML 11Page - Texas Instruments ADS5481_08 Datasheet HTML 12Page - Texas Instruments ADS5481_08 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1, 2, 8, 14, 18,
AVDD5
5V Analog Supply
24, 27, 30
9, 15, 19, 25,
AVDD3
3.3V Analog Supply
28, 31
3, 7, 10, 13, 17,
AGND
20, 23, 26, 29,
Analog Ground
32
DVDD3
42, 52, 63
3.3V Digital Supply
DGND
41, 51, 64
Digital Ground
NC
5, 6, 37-40
No Connects - leave floating
INP, INM
11, 12
Differential Analog Inputs (P = Plus = true, M = Minus = complement)
CLKM, CLKP
21, 22
Differential Clock Inputs (P = Plus = true, M = Minus = complement)
Reference Voltage Input/Output (1.2V nominal). To use an external reference and to turn the internal
REF
4
reference off, pull both PDWNF and PDWNS to logic HIGH (DVDD3).
Analog Input Common Mode, Output (3.1V), for use in applications that require use of the internally
VCM
16
generated common-mode. See the Applications section for more information on using VCM.
External Bias resistor for LVDS bias current, normally 10k
Ω to GND to provide nominal 3.5mA LVDS
LVDSB
33
current
Light Sleep Power Down, Fast Wakeup, Logic HIGH (DVDD3) = light sleep enabled (bandgap reference
PDWNF
35
remains ON)
Deep Sleep Power Down, Slow Wakeup, Logic HIGH (DVDD3) = deep sleep enabled (bandgap
PDWNS
34
reference is OFF)
DITHER
36
Dither Enable, Logic High (DVDD3) = dither enabled
DRY_P,
54, 53
DataReady Signal (LVDS Clockout) (P = Plus = true, M = Minus = complement)
DRY_M
D14_15_P,
62, 61
DDR LVDS output bits 14 then 15 (15 is MSB) (P = Plus = true, M = Minus = complement)
D14_15_M
DE_O_P,
43-50, 55-62
DDR LVDS output bits E (EVEN) then O (ODD) (P = Plus = true, M = Minus = complement)
DE_O_M
D0_1_P,
44, 43
DDR LVDS output bits 0 then 1 (0 is LSB) (P = Plus = true, M = Minus = complement)
D0_1_M
PowerPAD
65
Analog Ground (exposed pad on bottom of package)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5481 ADS5482, ADS5483


Similar Part No. - ADS5481_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5481_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com