Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP23753 Datasheet(PDF) 2 Page - Texas Instruments

Part # TP23753
Description  IEEE 802.3-2005 PoE INTERFACE AND ISOLATED CONVERTER CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP23753 Datasheet(HTML) 2 Page - Texas Instruments

  TP23753 Datasheet HTML 1Page - Texas Instruments TP23753 Datasheet HTML 2Page - Texas Instruments TP23753 Datasheet HTML 3Page - Texas Instruments TP23753 Datasheet HTML 4Page - Texas Instruments TP23753 Datasheet HTML 5Page - Texas Instruments TP23753 Datasheet HTML 6Page - Texas Instruments TP23753 Datasheet HTML 7Page - Texas Instruments TP23753 Datasheet HTML 8Page - Texas Instruments TP23753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS23753
SLVS853A – JUNE 2008 – REVISED JUNE 2008.............................................................................................................................................................. www.ti.com
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields.
These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic
voltage level, preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
PRODUCT INFORMATION(1)
DEVICE
DUTY CYCLE
POE UVLO ON / HYST.
PACKAGE
MARKING
TPS23753
0 – 80%
35/4.5
PW (TSSOP-14)
TP23753
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Voltags are with respect to VSS (unless otherwise noted)
VALUE
UNIT
VDD, VDD1, DEN, RTN
(2)
–0.3 to 100
V
VDD1 to RTN
–0.3 to 100
V
CLS(3)
–0.3 to 6.5
V
VI
Input voltage range
[APD, BLNK(3), CTL, FRS(3), VB
(3)] to RTN
–0.3 to 6.5
V
CS to RTN
–0.3 to VB
V
VC to RTN
–0.3 to 19
V
GATE to RTN
–0.3 to VC + 0.3
V
Sourcing current
VB
Internally limited
mA
Average sourcing or sinking current
GATE
25
mARMS
HBM
2
kV
ESD rating
CDM
500
V
ESD – system level (contact/air)(4)
8/15
kV
–40 to Internally
TJ
Operating junction temperature range
°C
Limited
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
IRTN = 0 for VRTN > 80V.
(3)
Do not apply voltage to these pins.
(4)
Surges per EN61000-4-2, 1999 applied between RJ-45 and output ground and between adapter input and output ground of the
TPS23753EVM-001 (HPA304-001) evaluation module (documentation available on the web). These were the test levels, not the failure
threshold.
θ
JT
θ
JA
θ
JA
PACKAGE
(°C/W)(1)
(°C/W)(2)
(°C/W)(1)
PW (TSSOP-14)
0.97
173.6
99.3
(1)
JEDEC method with high-k board (4 layers, 2 signal and 2 planes).
(2)
JEDEC method with low-k board (2 signal layers).
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS23753


Similar Part No. - TP23753

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP237 ETC1-TP237 Datasheet
62Kb / 2P
   1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
More results

Similar Description - TP23753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753A TI1-TPS23753A Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com