Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5482 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5482 Datasheet HTML 7Page - Texas Instruments ADS5482 Datasheet HTML 8Page - Texas Instruments ADS5482 Datasheet HTML 9Page - Texas Instruments ADS5482 Datasheet HTML 10Page - Texas Instruments ADS5482 Datasheet HTML 11Page - Texas Instruments ADS5482 Datasheet HTML 12Page - Texas Instruments ADS5482 Datasheet HTML 13Page - Texas Instruments ADS5482 Datasheet HTML 14Page - Texas Instruments ADS5482 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ADS5482 - 105 MSPS Typical Data
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
G005
SFDR = 101 dBc
SINAD = 80.8 dBFS
SNR = 80.8 dBFS
THD = 100.4 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
G006
SFDR = 100 dBc
SINAD = 80.2 dBFS
SNR = 80.3 dBFS
THD = 96.6 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
G007
SFDR = 97 dBc
SINAD = 79.4 dBFS
SNR = 79.5 dBFS
THD = 93.8 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
G008
SFDR = 90 dBc
SINAD = 78.8 dBFS
SNR = 79.3 dBFS
THD = 88.1 dBc
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = Max Rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
Plots in this section are with clock of 105MSPS unless otherwise specified.
Spectral Performance
Spectral Performance
vs
vs
FFT for 10 MHz INPUT SIGNAL
FFT for 30 MHz INPUT SIGNAL
Figure 6.
Figure 7.
Spectral Performance
Spectral Performance
vs
vs
FFT for 70 MHz INPUT SIGNAL
FFT for 90 MHz INPUT SIGNAL
Figure 8.
Figure 9.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS5481 ADS5482, ADS5483


Similar Part No. - ADS5482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5482 TI-ADS5482 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482 TI-ADS5482 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482IRGCR TI-ADS5482IRGCR Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482IRGCR TI-ADS5482IRGCR Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5482IRGCT TI-ADS5482IRGCT Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com