Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23753PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23753PWR
Description  IEEE 802.3-2005 PoE INTERFACE AND ISOLATED CONVERTER CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23753PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS23753PWR Datasheet HTML 4Page - Texas Instruments TPS23753PWR Datasheet HTML 5Page - Texas Instruments TPS23753PWR Datasheet HTML 6Page - Texas Instruments TPS23753PWR Datasheet HTML 7Page - Texas Instruments TPS23753PWR Datasheet HTML 8Page - Texas Instruments TPS23753PWR Datasheet HTML 9Page - Texas Instruments TPS23753PWR Datasheet HTML 10Page - Texas Instruments TPS23753PWR Datasheet HTML 11Page - Texas Instruments TPS23753PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
15000
(
)
(
)
FRS
SW
R
k
f
kHz
Ω =
(4)
TPS23753
SLVS853A – JUNE 2008 – REVISED JUNE 2008.............................................................................................................................................................. www.ti.com
FRS
Connect a resistor from FRS to RTN to program the converter switching frequency. Select the resistor per the
following relationship.
The converter may be synchronized to a frequency above its maximum free-running frequency by applying short
ac-coupled pulses into the FRS pin. More information is provided in the Applications section.
The FRS pin is high impedance. Keep the connections short and apart from potential noise sources.
GATE
Gate drive output for the dc/dc converter switching MOSFET.
RTN
RTN is internally connected to the drain of the PoE hotswap MOSFET, and the dc/dc controller return. RTN
should be treated as a local reference plane (ground plane) for the dc/dc controller and converter primary to
maintain signal integrity.
VB
VB is an internal 5V control rail that should be bypassed by a 0.1 µF capacitor to RTN. VB should be used to bias
the feedback optocoupler.
VC
VC is the bias supply for the dc/dc controller. The MOSFET gate driver runs directly from VC. VB is regulated
down from VC, and is the bias voltage for the rest of the converter control. A startup current source from VDD1 to
VC is controlled by a comparator with hysteresis to implement a bootstrap startup of the converter. VC must be
connected to a bias source, such as a converter auxiliary output, during normal operation.
A minimum 0.22
µF capacitor, located adjacent to the V
C pin, should be connected from VC to RTN to bypass the
gate driver. A larger total capacitance is required for startup.
VDD
Positive input power rail for PoE control that is derived from the PoE. VDD should be bypassed to VSS with a 0.1
µF (X7R,10%) capacitor as required by the standard. A transient suppressor (Zener) diode, should be connected
from VDD to VSS to protect against overvoltage transients.
VDD1
Source of dc/dc converter startup current. Connect to VDD for most applications. VDD1 may be isolated by a diode
from VDD to support PoE priority operation.
VSS
VSS is the PoE input-power return side. It is the reference for the PoE interface circuits, and has a current-limited
hotswap switch that connects it to RTN. VSS is clamped to a diode drop above RTN by the hotswap switch. A
local VSS reference plane should be used to connect the input components and the VSS pin.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS23753


Similar Part No. - TPS23753PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753A TI1-TPS23753A Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
TPS23753APW TI1-TPS23753APW Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
TPS23753APWR TI1-TPS23753APWR Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
More results

Similar Description - TPS23753PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753A TI1-TPS23753A Datasheet
858Kb / 30P
[Old version datasheet]   IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com