Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61085 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61085
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61085 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61085 Datasheet HTML 2Page - Texas Instruments TPS61085 Datasheet HTML 3Page - Texas Instruments TPS61085 Datasheet HTML 4Page - Texas Instruments TPS61085 Datasheet HTML 5Page - Texas Instruments TPS61085 Datasheet HTML 6Page - Texas Instruments TPS61085 Datasheet HTML 7Page - Texas Instruments TPS61085 Datasheet HTML 8Page - Texas Instruments TPS61085 Datasheet HTML 9Page - Texas Instruments TPS61085 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
V _AC
200mV/div
S
I
100mA/div
OUT
200 s/div
m
I
=50mA -200mA
OUT
V
=3.3V
V =12V
IN
S
C
=20 F
L =3.3 H
R
=51k
C
=1.6nF
out
comp
comp
m
m
W
200µs/div
V _AC
200mV/div
S
I
100mA/div
OUT
V
=3.3V
V =12V
IN
S
I
=50mA -200mA
OUT
C
=20 F
L =6.8 H
R
=24k
C
=3.3nF
out
comp
comp
m
m
W
200 s/div
m
EN
5V/div
V
5V/div
S
I
1 A/div
L
V
=3.3V
V
=12V/300mA
IN
S
C
=100nF
SS
2ms/div
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-SupplyCurrent-V
CC
Switching
f=1.2Mhz
L =3.3 H
m
Switching
f=650kHz
L =6.8 H
m
NotSwitching
TPS61085
SLVS859 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
HIGH FREQUENCY (1.2 MHz)
LOW FREQUENCY (650 kHz)
Figure 5.
Figure 6.
SUPPLY CURRENT
vs
SOFT-START
SUPPLY VOLTAGE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61085


Similar Part No. - TPS61085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085 TI1-TPS61085 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
More results

Similar Description - TPS61085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com