Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61085 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61085
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61085 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61085 Datasheet HTML 7Page - Texas Instruments TPS61085 Datasheet HTML 8Page - Texas Instruments TPS61085 Datasheet HTML 9Page - Texas Instruments TPS61085 Datasheet HTML 10Page - Texas Instruments TPS61085 Datasheet HTML 11Page - Texas Instruments TPS61085 Datasheet HTML 12Page - Texas Instruments TPS61085 Datasheet HTML 13Page - Texas Instruments TPS61085 Datasheet HTML 14Page - Texas Instruments TPS61085 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Setting the Output Voltage
2
18
70
Vref
R
k
A
m
=
»
W
1
2
1
S
V
R
R
Vref
æ
ö
=
´
-
ç
÷
è
ø
(2)
Compensation (COMP)
IN
S
COMP
125 × V
× V × Cout
R
=
L × Iout_max
S
COMP
COMP
V × Cout
C
=
5 × Iout_max × R
(3)
Input Capacitor Selection
TPS61085
www.ti.com ...................................................................................................................................................................................................... SLVS859 – JUNE 2008
The output voltage is set by an external resistor divider. Typically, a minimum current of 50
µA flowing through
the feedback divider gives good accuracy and noise covering. A standard low side resistor of 18 k
Ω is typically
selected. The resistors are then calculated as:
The regulator loop can be compensated by adjusting the external components connected to the COMP pin. The
COMP pin is the output of the internal transconductance error amplifier. Standard values of RCOMP = 13 kΩ and
CCOMP = 3.3 nF will work for the majority of the applications.
Please refer to Table 3 for dedicated compensation networks giving an improved load transient response. The
following equations can be used to calculate RCOMP and CCOMP:
Table 3. Recommended Compensation Network Values at High/Low Frequency
FREQUENCY
L
VS
VIN ± 20%
RCOMP
CCOMP
5 V
82 k
1.1 nF
15 V
3.3 V
75 k
1.6 nF
5 V
51 k
1.1 nF
High (1.2 MHz)
3.3 µH
12 V
3.3 V
47 k
1.6 nF
5 V
30 k
1.1 nF
9 V
3.3 V
27 k
1.6 nF
5 V
43 k
2.2 nF
15 V
3.3 V
39 k
3.3 nF
5 V
27 k
2.2 nF
Low (650 kHz)
6.8 µH
12 V
3.3 V
24 k
3.3 nF
5 V
15 k
2.2 nF
9 V
3.3 V
13 k
3.3 nF
Table 3 gives conservatives Rcomp and Comp values for certain inductors, input and output voltages providing a
very stable system. For a faster response time, a higher Rcomp value can be used to enlarge the bandwidth, as
well as a slightly lower value of Ccomp to keep enough phase margin. These adjustments should be performed
in parallel with the load transient response monitoring of TPS61085.
For good input voltage filtering low ESR ceramic capacitors are recommended. TPS61085 has an analog input
IN. Therefore, a 1
µF bypass is highly recommended as close as possible to the IC from IN to GND.
One 10
µF ceramic input capacitors are sufficient for most of the applications. For better input voltage filtering
this value can be increased. Refer to Table 4 and typical applications for input capacitor recommendations.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61085


Similar Part No. - TPS61085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085 TI1-TPS61085 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
More results

Similar Description - TPS61085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com