Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62700 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62700
Description  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62700 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62700 Datasheet HTML 1Page - Texas Instruments TPS62700 Datasheet HTML 2Page - Texas Instruments TPS62700 Datasheet HTML 3Page - Texas Instruments TPS62700 Datasheet HTML 4Page - Texas Instruments TPS62700 Datasheet HTML 5Page - Texas Instruments TPS62700 Datasheet HTML 6Page - Texas Instruments TPS62700 Datasheet HTML 7Page - Texas Instruments TPS62700 Datasheet HTML 8Page - Texas Instruments TPS62700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PARAMETER MEASUREMENT INFORMATION
V
IN
PVIN
AVIN
PGND
AGND
FB
VCON
EN
SW
3.3
H
m
4.7
F/10
F
m
m
10
F
m
V
OUT
L:LPS40183.3 H,DCR70m /VLF3014A 3.3 HDCR150m
C
:GRM188R60J106M10 FMurata0603size
m
W
m
W
m
IN
C
:GRM188R60J106M10 FMurata0603size
OUT
m
GRM188Ru60J475K4.7 FMurata0603size
m
DETAILED DESCRIPTION
OPERATION
Dynamic Output Voltage Control VCON
100% Duty Cycle Low Dropout Operation
TPS62700, TPS62701
www.ti.com................................................................................................................................................... SLVS784B – DECEMBER 2007 – REVISED JUNE 2008
The TPS6270x step down converter operates at a 2.0-MHz fixed frequency using pulse-width modulation (PWM)
over the entire load range. This ensures low output-voltage ripple for RF-PA power applications.
In PWM operation, the converter uses a unique fast-response voltage-mode control scheme to achieve good line
and load regulation, allowing the use of small ceramic input and output capacitors.
At the beginning of each clock cycle initiated by the clock signal, the High-Side MOSFET switch is turned on. The
current flows from the input capacitor via the High-Side MOSFET switch through the inductor to the output
capacitor and load. During this phase, the current ramps up until the PWM comparator trips and the control logic
turns off the switch. The current limit comparator also turns off the switch when the current limit of the High-Side
MOSFET switch is exceeded. After a short dead time to prevent shoot-through, the Low-Side MOSFET rectifier
is turned on, and the inductor current ramps down. The current then flows from the inductor to the output
capacitor and to the load. It turns back to the inductor through the Low-Side MOSFET rectifier.
The next cycle is initiated by the clock signal turning off the Low-Side MOSFET rectifier and turning on the
High-Side MOSFET switch.
The output voltage of TPS6270x can be dynamically adjusted with an external analog voltage applied to the pin
VCON. This voltage is typically supplied from an external DAC to adjust the supply voltage for the RF Power
amplifier, and therefore to determine the RF output power. The output voltage is set to : VOUT = 2.5 x VCON.
The output voltage can be set in the range between VFB, MIN (1.3 V) and VFB, MAX (3.09 V). The device provides
an internal voltage gain factor of 2.5. For dynamic voltage adjustment the VCON voltage range is between VCON,
MIN (0.52 V) and VCON, MAX (1.24 V). In Case the VCON voltage is out of this range, the output voltage is internally
limited to VFB, MIN (1.3 V) and VFB, MAX (3.09 V). This allows using the TPS6270x as a fixed output voltage
converter where the VCON Pin is connected, for example, to GND or VIN.
The device starts to enter 100% duty-cycle mode when the input voltage approaches the nominal output voltage.
In order to maintain the output voltage, the High-Side MOSFET switch is turned on 100% for one or more cycles.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62700 TPS62701


Similar Part No. - TPS62700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI1-TPS62700 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI1-TPS62700YZF Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZFR TI1-TPS62700YZFR Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI1-TPS62700_15 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com