Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62701 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62701
Description  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62701 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62701 Datasheet HTML 3Page - Texas Instruments TPS62701 Datasheet HTML 4Page - Texas Instruments TPS62701 Datasheet HTML 5Page - Texas Instruments TPS62701 Datasheet HTML 6Page - Texas Instruments TPS62701 Datasheet HTML 7Page - Texas Instruments TPS62701 Datasheet HTML 8Page - Texas Instruments TPS62701 Datasheet HTML 9Page - Texas Instruments TPS62701 Datasheet HTML 10Page - Texas Instruments TPS62701 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS62700, TPS62701
www.ti.com................................................................................................................................................... SLVS784B – DECEMBER 2007 – REVISED JUNE 2008
TYPICAL CHARACTERISTICS (continued)
Typical Characteristic Graphs (continued)
FIGURE
Output Voltage
vs Output Current (VOUT = 1.3 V, TA = 25°C)
Figure 11
Output Voltage
vs Output Current (VOUT = 1.3 V, TA = –40°C)
Figure 12
Output Voltage
vs Output Current (VOUT = 1.3 V, TA = 85°C)
Figure 13
Output Voltage
vs Output Current (VOUT = 2.75 V, TA = 25°C)
Figure 14
Output Voltage
vs Output Current (VOUT = 2.75 V, TA = –40°C)
Figure 15
Output Voltage
vs Output Current (VOUT = 2.75 V, TA = 85°C)
Figure 16
Output Voltage
vs Output Current (VOUT = 3.09 V, TA = 25°C)
Figure 17
Output Voltage
vs Output Current (VOUT = 3.09 V, TA = –40°C)
Figure 18
Output Voltage
vs. VCON Voltage (VI = 4.2 V)
Figure 19
Output Voltage
vs Output Current (VOUT = 3.09 V, TA = 85°C)
Figure 20
Output Voltage VOUT
vs VCON Voltage
Figure 21
VCON Max Threshold
VOUT TA = 25°C
Figure 22
VCON Max Threshold
VOUT TA = 85°C
Figure 23
VCON Max Threshold
VOUT TA =–40°C
Figure 24
VCON Min Threshold
VOUT TA = 25°C
Figure 25
VCON Min Threshold
VOUT TA = 85°C
Figure 26
VCON Min Threshold
VOUT TA =–40°C
Figure 27
Load Transient Response VOUT = 1.3 V
Figure 28
Load Transient Response VOUT = 3.09 V
Figure 29
Load Transient Response VOUT = 3.09 V
Figure 30
Load Transient Response VOUT = 3.09 V
Figure 31
PWM Mode Operation VOUT = 1.3 V
Figure 32
PWM Mode Operation VOUT = 3.09 V
Figure 33
Output Voltage Ripple At High Duty Cycle Operation
Figure 34
VCON Voltage Response
Figure 35
VCON Output Voltage Response And Synchronous Applied Load Transient
Figure 36
Startup VOUT 1.3 V
Figure 37
Startup VOUT 3.09 V
Figure 38
Line Transient Response
Figure 39
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62700 TPS62701


Similar Part No. - TPS62701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62701 TI1-TPS62701 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62701YZF TI1-TPS62701YZF Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62701YZFR TI1-TPS62701YZFR Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI1-TPS62700_15 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com