Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8519I Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8519I
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519I Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8519I Datasheet HTML 5Page - Texas Instruments ADS8519I Datasheet HTML 6Page - Texas Instruments ADS8519I Datasheet HTML 7Page - Texas Instruments ADS8519I Datasheet HTML 8Page - Texas Instruments ADS8519I Datasheet HTML 9Page - Texas Instruments ADS8519I Datasheet HTML 10Page - Texas Instruments ADS8519I Datasheet HTML 11Page - Texas Instruments ADS8519I Datasheet HTML 12Page - Texas Instruments ADS8519I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
BUSY
STATUS
(N+1) th Accquisition
Error
Correction
Nth Conversion
External
DATACLK
DATA
Nth Conversion Data
SYNC = 0
D15
0
1
2
3
15
14
16
TAG
T01
D05
D10
D12
D13
D14
T00
T04
T03
T02
T13
T12
T11
T06
T16
T15
T14
Tyy
5
4
11
12
13
10
D11
T05
D04
D03
D02
D01
Txx
T00
D00
Null
T17
Null
R/C
EXT/INT tied high, CS tied low
tw1 + tsu1 starts READ
tw1
td1
tw2
tsu1
td3
td11
td2
tconv
tacq
td3
td1
tsu3
tw3
tc2
tw4
tsu1
td8
td8
tsu4
th1
BUSY
STATUS
Error
Correction
Nth Conversion
External
DATACLK
DATA
Nth Conversion Data
SYNC = 0
D15
0
1
2
3
15
14
16
D05
D10
D12
D13
D14
5
4
11
12
13
10
D11
D00
D04
D03
D02
D01
R/C
EXT/INT tied high, CS and TAG tied low
Rising DATACLK change DATA, tw1 + tsu1 Starts READ
TAG is not recommended for this mode. There is not enough
time to do so without violating td11.
tw1
td1
tw2
td10
td3
tsu3
tconv
td2
tsu1
tw3
tc2
tw4
td11
td8
td8
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
TIMING DIAGRAMS (continued)
Figure 4. Read After Conversion (Discontinuous External DATACLK)
Figure 5. Read During Conversion (Discontinuous External DATACLK)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS8519


Similar Part No. - ADS8519I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519I TI-ADS8519I Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI1-ADS8519IBDB Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBG4 TI1-ADS8519IBDBG4 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8519I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com