Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61085DGKTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61085DGKTG4
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61085DGKTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61085DGKTG4 Datasheet HTML 6Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 7Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 8Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 9Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 10Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 11Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 12Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 13Page - Texas Instruments TPS61085DGKTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2
IN
S
IN
S
V
V -V
L =
×
×
V
Iout_max×f
0.35
h
æ
ö
æ
ö
æ
ö
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
(1)
Rectifier Diode Selection
avg
out
I
I
=
TPS61085
SLVS859 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Typically, it is recommended that the inductor current ripple is below 20% of the average inductor current. The
following equation can therefore be used to calculate the inductor value:
Table 1. Inductor Selection
L
COMPONENT
SIZE
DCR TYP
SUPPLIER
Isat (A)
CODE
(
µH)
(L×W×H mm)
(m
Ω)
1.2 MHz
3.3
Sumida
CDH38D09
4 x 4 x 1
240
1.25
4.7
Sumida
CDPH36D13
5 × 5 × 1.5
155
1.36
3.3
Sumida
CDPH4D19F
5.2 x 5.2 x 2
33
1.5
3.3
Sumida
CDRH6D12
6.7 x 6.7 x 1.5
62
2.2
4.7
Würth Elektronik
7447785004
5.9 × 6.2 × 3.3
60
2.5
5
Coilcraft
MSS7341
7.3 × 7.3 × 4.1
24
2.9
650 kHz
6.8
Sumida
CDP14D19
5.2 x 5.2 x 2
50
1
10
Coilcraft
LPS4414
4.3 × 4.3 × 1.4
380
1.2
6.8
Sumida
CDRH6D12/LD
6.7 x 6.7 x 1.5
95
1.25
10
Sumida
CDR6D23
5 × 5 × 2.4
133
1.75
10
Würth Elektronik
744778910
7.3 × 7.3 × 3.2
51
2.2
6.8
Sumida
CDRH6D26HP
7 x 7 x 2.8
52
2.9
To achieve high efficiency, a Schottky type should be used for the rectifier diode. The reverse voltage rating
should be higher than the maximum output voltage of the converter. The averaged rectified forward current Iavg,
the Schottky diode needs to be rated for, is equal to the output current Iout:
Usually a Schottky diode with 2 A maximum average rectified forward current rating is sufficient for most
applications. The Schottky rectifier can be selected with lower forward current capability depending on the output
current Iout but has to be able to dissipate the power. The dissipated power is the average rectified forward
current times the diode forward voltage.
PD = Iavg × Vforward
Typically the diode should be able to dissipate around 500mW depending on the load current and forward
voltage.
Table 2. Rectifier Diode Selection
CURRENT
COMPONENT
PACKAGE
Vr
Vforward / Iavg
SUPPLIER
RATING Iavg
CODE
TYPE
750 mA
20 V
0.425 V /
Fairchild Semiconductor
FYV0704S
SOT 23
750 mA
1 A
20 V
0.39 V / 1 A
NXP
PMEG2010AEH
SOD 123
1 A
20 V
0.52 V / 1 A
Vishay Semiconductor
B120
SMA
1 A
20 V
0.5 V / 1 A
Vishay Semiconductor
SS12
SMA
1 A
20 V
0.44 V / 1 A
Vishay Semiconductor
MSS1P2L
µ-SMP (Low
Profile)
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61085


Similar Part No. - TPS61085DGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085DGKTG4 TI1-TPS61085DGKTG4 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results

Similar Description - TPS61085DGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com