Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210DGQRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210DGQRG4
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210DGQRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40210DGQRG4 Datasheet HTML 1Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 2Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 3Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 4Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 5Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 6Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 7Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 8Page - Texas Instruments TPS40210DGQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
ELECTRICAL CHARACTERISTICS
TPS40210, TPS40211
www.ti.com.......................................................................................................................................................... SLUS772B – MARCH 2008 – REVISED JUNE 2008
TJ = –40°C to 125°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
TPS40210 COMP = FB, 4.5
≤ VVDD ≤ 52 V, TJ = 25°C
693
700
707
Feedback voltage range
TPS40211 COMP=FB, 4.5
≤ VVDD ≤ 52 V, TJ = 25°C
254
260
266
COMP = FB, 4.5
≤ VVDD ≤ 52 V, -40°C ≤ TJ
VFB
mV
TPS40210
686
700
714
125°C
COMP = FB, 4.5
≤ VVDD ≤ 52 V, -40°C ≤ TJ
TPS40211
250
260
270
125°C
INPUT SUPPLY
VVDD
Input voltage range
4.5
52
V
4.5
≤ VVDD ≤ 52 V, no switching, VDIS < 0.8
1.5
2.5
mA
IVDD
Operating current
2.5
≤ VDIS ≤ 7 V
10
20
µA
VVDD < VUVLO(on), VDIS < 0.8
530
µA
UNDERVOLTAGE LOCKOUT
VUVLO(on)
Turn on threshold voltage
4.00
4.25
4.50
V
VUVLO(hyst)
UVLO hysteresis
140
195
240
mV
OSCILLATOR
Oscillator frequency range(1)
35
1000
fOSC
kHz
Oscillator frequency
RRC = 182 kΩ, CRC = 330 pF
260
300
340
Frequency line regulation
4.5
≤ VDD ≤ 52 V
-20%
7%
VSLP
Slope compensation ramp
520
620
720
mV
PWM
VVDD = 12V
(1)
275
400
tON(min)
Minimum pulse width
VVDD = 30V
90
200
ns
tOFF(min)
Minimum off time
170
200
VVLY
Valley voltage
1.2
V
SOFT-START
Offset voltage from SS pin to error
VSS(ofst)
700
mV
amplifier input
RSS(chg)
Soft-start charge resistance
320
430
600
k
RSS(dchg)
Soft-start discharge resistance
840
1200
1600
ERROR AMPLIFIER
GBWP
Unity gain bandwidth product(1)
1.5
3.0
MHz
AOL
Open loop gain(1)
60
80
dB
Input bias current (current out of FB
IIB(FB)
100
300
nA
pin)
ICOMP(src)
Output source current
VFB = 0.6 V, VCOMP = 1 V
100
250
µA
ICOMP(snk)
Output sink current
VFB = 1.2 V, VCOMP = 1 V
1.2
2.5
mA
OVERCURRENT PROTECTION
Overcurrent detection threshold (at
VISNS(oc)
4.5
≤ VDD < 52 V, -40°C ≤ TJ ≤ 125°C
120
150
180
mV
ISNS pin)
DOC
Overcurrent duty cycle(1)
2%
Overcurrent reset threshold voltage (at
VSS(rst)
100
150
350
mV
SS pin)
TBLNK
Leading edge blanking(1)
75
ns
(1)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS40210 TPS40211


Similar Part No. - TPS40210DGQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210DGQRG4 TI1-TPS40210DGQRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40210DGQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com