Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65136RTER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65136RTER
Description  Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65136RTER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65136RTER Datasheet HTML 4Page - Texas Instruments TPS65136RTER Datasheet HTML 5Page - Texas Instruments TPS65136RTER Datasheet HTML 6Page - Texas Instruments TPS65136RTER Datasheet HTML 7Page - Texas Instruments TPS65136RTER Datasheet HTML 8Page - Texas Instruments TPS65136RTER Datasheet HTML 9Page - Texas Instruments TPS65136RTER Datasheet HTML 10Page - Texas Instruments TPS65136RTER Datasheet HTML 11Page - Texas Instruments TPS65136RTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
VI − Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
G009
TA = 85°C
TA = 25°C
TA = −40°C
IO − Output Current − mA
9.8
9.9
10.0
10.1
10.2
30
40
50
60
70
80
90
100
G010
VI = 2.9 V
VI = 2.5 V
VI = 2.3 V
L = 2.2
µH
VO = Vpos + |Vneg| = 10 V
TA = 85°C
IO − Output Current − mA
9.8
9.9
10.0
10.1
10.2
30
40
50
60
70
80
90
100
G011
VI = 2.9 V
VI = 2.3 V
L = 2.2
µH
VO = Vpos + |Vneg| = 10 V
TA = 85°C
VI = 2.5 V
IO − Output Current − mA
9.8
9.9
10.0
10.1
10.2
30
40
50
60
70
80
90
100
G012
VI = 2.9 V
VI = 2.3 V
L = 4.7
µH
VO = Vpos + |Vneg| = 10 V
TA = 85°C
VI = 2.5 V
TPS65136
SLVS831A – APRIL 2008 – REVISED JULY 2008 ............................................................................................................................................................. www.ti.com
QUIESCENT CURRENT
vs
MAXIMUM OUTPUT CURRENT
INPUT VOLTAGE
2.2
µH, LPS3008-222
Figure 9.
Figure 10.
MAXIMUM OUTPUT CURRENT
MAXIMUM OUTPUT CURRENT
2.2
µH, LPF3010-2R2
4.7
µH, LPS3008-472
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65136


Similar Part No. - TPS65136RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136RTE TI-TPS65136RTE Datasheet
845Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
More results

Similar Description - TPS65136RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65136 TI-TPS65136 Datasheet
845Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135 TI1-TPS65135 Datasheet
852Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Allegro MicroSystems
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com