Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7229RSAR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7229RSAR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229RSAR Datasheet(HTML) 4 Page - Texas Instruments

  ADS7229RSAR Datasheet HTML 1Page - Texas Instruments ADS7229RSAR Datasheet HTML 2Page - Texas Instruments ADS7229RSAR Datasheet HTML 3Page - Texas Instruments ADS7229RSAR Datasheet HTML 4Page - Texas Instruments ADS7229RSAR Datasheet HTML 5Page - Texas Instruments ADS7229RSAR Datasheet HTML 6Page - Texas Instruments ADS7229RSAR Datasheet HTML 7Page - Texas Instruments ADS7229RSAR Datasheet HTML 8Page - Texas Instruments ADS7229RSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VREF = 5V (continued)
At TA = –40°C to +85°C, +VA = 5V, +VBD = +1.65V to +5.5V, VREF = 5V, and fSAMPLE = 1MHz, unless otherwise noted.
ADS7229, ADS7230
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
VIN = 5VPP at 10kHz
–88.5
THD
Total harmonic distortion(4)
dB
VIN = 5VPP at 100kHz
–85.5
VIN = 5VPP at 10kHz
73.9
SNR
Signal-to-noise ratio
dB
VIN = 5VPP at 100kHz
72
73.8
VIN = 5VPP at 10kHz
73.7
SINAD
Signal-to-noise + distortion
dB
VIN = 5VPP at 100kHz
73.3
VIN = 5VPP at 10kHz
93.4
SFDR
Spurious-free dynamic range
dB
VIN = 5VPP at 100kHz
90.5
–3dB small-signal bandwidth
30
MHz
CLOCK
Internal conversion clock frequency
21
23
24.5
MHz
Used as I/O clock only
50
SCLK external serial clock
MHz
As I/O clock and conversion clock
1
42
EXTERNAL VOLTAGE REFERENCE INPUT
Input
VREF [REF+ – (REF–)]
0.3
5
+VA
VREF
reference
V
(REF–) – AGND
–0.1
0.1
range
Resistance(5)
Reference input
40
k
DIGITAL INPUT/OUTPUT
Logic family—CMOS
VIH
High-level input voltage
5.5V
≥ +VBD ≥ 4.5V
0.65
× (+VBD)
+VBD + 0.3
V
VIL
Low-level input voltage
5.5V
≥ +VBD ≥ 4.5V
–0.3
0.35
× (+VBD)
V
II
Input current
VI = +VBD or BDGND
–50
50
nA
Ci
Input capacitance
5
pF
5.5V
≥ +VBD ≥ 4.5V,
VOH
High-level output voltage
+VBD – 0.6
+VBD
V
IO = 100µA
5.5V
≥ +VBD ≥ 4.5V,
VOL
Low-level output voltage
0
0.4
V
IO = 100µA
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format—straight binary
POWER-SUPPLY REQUIREMENTS
+VBD
1.65
3.3
5.5
V
Power-supply
voltage
+VA
4.5
5
5.5
V
1MHz Sample rate
5.7
7.0
mA
Supply current
Nap or Auto Nap mode
0.3
0.5
PD Mode
4
1
µA
1MSPS, BVDD = 1.8V
0.1
0.5
Buffer I/O supply current
mA
1MSPS, BVDD = 3V
0.5
1.2
AVDD = 5V, BVDD = 1.8V
28.8
36.5
Power dissipation
mW
AVDD = 5V, BVDD = 3V
30.0
38.6
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
+85
°C
(4)
Calculated on the first nine harmonics of the input frequency.
(5)
Can vary ±30%.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230


Similar Part No. - ADS7229RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7229 TI1-ADS7229 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI1-ADS7229 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229IPW TI1-ADS7229IPW Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229IPWG4 TI1-ADS7229IPWG4 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229IPWR TI1-ADS7229IPWR Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS7229RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7229 TI1-ADS7229_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com