Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27510 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ27510
Description  System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27510 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27510_08 Datasheet HTML 3Page - Texas Instruments BQ27510_08 Datasheet HTML 4Page - Texas Instruments BQ27510_08 Datasheet HTML 5Page - Texas Instruments BQ27510_08 Datasheet HTML 6Page - Texas Instruments BQ27510_08 Datasheet HTML 7Page - Texas Instruments BQ27510_08 Datasheet HTML 8Page - Texas Instruments BQ27510_08 Datasheet HTML 9Page - Texas Instruments BQ27510_08 Datasheet HTML 10Page - Texas Instruments BQ27510_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
GENERAL DESCRIPTION
bq27510
www.ti.com.......................................................................................................................................................... SLUS816A – MARCH 2008 – REVISED JUNE 2008
The bq27510 accurately predicts the battery capacity and other operational characteristics of a single Li-based
rechargeable cell. It can be interrogated by a system processor to provide cell information, such as
state-of-charge (SOC), time-to-empty (TTE) and time-to-full (TTF).
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command( ), are used to read and write information contained within the bq27510 control and status registers,
as well as its data flash locations. Commands are sent from system to gauge using the bq27510’s I2C serial
communications engine, and can be executed during application development, pack manufacture, or
end-equipment operation.
Cell information is stored in the bq27510 in non-volatile flash memory. Many of these data flash locations are
accessible during application development. They cannot, generally, be accessed directly during end-equipment
operation. Access to these locations is achieved by either use of the bq27510’s companion evaluation software,
through individual commands, or through a sequence of data-flash-access commands. To access a desired data
flash location, the correct data flash subclass and offset must be known.
The bq27510 provides 96 bytes of user-programmable data flash memory, partitioned into 3 32-byte blocks:
Manufacturer Info Block A, Manufacturer Info Block B, and Manufacturer Info Block C. This data space is
accessed through a data flash interface. For specifics on accessing the data flash, see section Manufacturer
Information Blocks.
The key to the bq27510’s high-accuracy gas gauging prediction is Texas Instrument’s proprietary Impedance
Track™ algorithm. This algorithm uses cell measurements, characteristics, and properties to create
state-of-charge predictions that can achieve less than 1% error across a wide variety of operating conditions and
over the lifetime of the battery.
The bq27510 measures charge/discharge activity by monitoring the voltage across a small-value series sense
resistor (5 m
Ω to 20 mΩ typ.) located between the system’s Vss and the battery’s PACK– terminal. When a cell
is attached to the bq27510, cell impedance is computed, based on cell current, cell open-circuit voltage (OCV),
and cell voltage under loading conditions.
The bq27510 must use a Semitec 103AT NTC thermistor for temperature measurement, or can also be
configured to use its internal temperature sensor. When an external themistor is used, a 18.2k pull up resistor
between BT/TOUT and TS pins is also required. The bq27510 uses temperature to monitor the battery-pack
environment, which is used for fuel gauging and cell protection functionality.
To minimize power consumption, the bq27510 has several power modes: NORMAL, SLEEP, HIBERNATE, and
BAT INSERT CHECK. The bq27510 passes automatically between these modes, depending upon the
occurrence of specific events, though a system processor can initiate some of these modes directly. More details
can be found in Section Power Modes.
NOTE:
FORMATTING CONVENTIONS IN THIS DOCUMENT:
Commands:
italics
with
parentheses
and
no
breaking
spaces,
e.g.
RemainingCapacity( ).
Data Flash: italics, bold, and breaking spaces, e.g. Design Capacity.
Register bits and flags: brackets and italics, e.g. [TDA]
Data flash bits: brackets, italics and bold, e.g: [LED1]
Modes and states: ALL CAPITALS, e.g. UNSEALED mode.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq27510


Similar Part No. - BQ27510_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - BQ27510_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_1 Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com