Electronic Components Datasheet Search |
|
V54C316162VC-7 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp |
|
V54C316162VC-7 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp |
9 / 22 page 9 V54C316162VC Rev. 1.4 December 2001 MOSEL VITELIC V54C316162VC Operating Currents (TA =0 to 70°C, VCC =3.3V ± 0.3V) (Recommended Operating Conditions unless otherwise noted) Notes: 3. These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and tRC. Input signals are changed one time during tCK except for ICC6 and for standby current when tCK =infinity. 4. These parameter are measured with continuous data stream during read access and all DQ toggling. Symbol Parameter & Test Condition Max. Unit Note -5 -55 -6 -7 ICC1 Operating Current Active-precharge command cycling, without Burst Operation 1 bank operation tRC =tRCMIN.,tCK =tCKMIN CL = 3 125 120 115 105 mA 3 ICC2P Precharge Standby Current in Power Down Mode CS =VIH,CKE≤ VIL(max) tCK =min. 2 2 2 2 mA 3 ICC2PS tCK = Infinity 2 2 2 2 mA 3 ICC2N Precharge Standby Current in Non-Power Down Mode CS =VIH,CKE≥ VIL(max) tCK = min. 1515 1515 mA ICC2NS tCK = Infinity 5 5 5 5 mA ICC3P Active Standby Current in Power-down mode CKE =<VIL(max), tck = min 33 33 mA ICC3PS CKE =< VIL(max), tck =infinity 3 3 3 3 mA ICC3N Active Standby Current in non Power-down mode CKE =>VIL(max), tck = min 45 45 45 45 mA ICC3NS CKE => VIL(max), tck = infinity 4040 4040 mA ICC4 Burst Operating Current Read/Write command cycling CL = 3 tCK = min. 160 155 150 140 mA 3, 4 CL = 2 tCK = min. 160 155 150 140 mA ICC5 Auto Refresh Current Auto Refresh command cycling CL = 3 tCK =min. 110 105 100 90 mA 3 ICC6 Self Refresh Current Self Refresh Mode, CKE=<0.2V 11 11 mA |
Similar Part No. - V54C316162VC-7 |
|
Similar Description - V54C316162VC-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |