Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5947DAP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAP
Description  24-Channel, 12-Bit PWM LED Driver with
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5947DAP Datasheet(HTML) 4 Page - Texas Instruments

  TLC5947DAP Datasheet HTML 1Page - Texas Instruments TLC5947DAP Datasheet HTML 2Page - Texas Instruments TLC5947DAP Datasheet HTML 3Page - Texas Instruments TLC5947DAP Datasheet HTML 4Page - Texas Instruments TLC5947DAP Datasheet HTML 5Page - Texas Instruments TLC5947DAP Datasheet HTML 6Page - Texas Instruments TLC5947DAP Datasheet HTML 7Page - Texas Instruments TLC5947DAP Datasheet HTML 8Page - Texas Instruments TLC5947DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ELECTRICAL CHARACTERISTICS
D
(%)=
I
OUTn
-
1
(I
+I
+...+I
)
OUT0
OUT1
OUT22
+I
OUT23
24
´
100
.
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+I
+...I
+I
)
OUT0
OUT1
OUT22
OUT23
24
´
100
I
=41
´
OUT(IDEAL)
1.20
R
IREF
100
(I
atV
=3.0V)
OUTn
CC
(I
atV
=5.5V)
(I
atV
=3.0V)
OUTn
CC
OUTn
CC
-
5.5V
3V
-
D
(%/V)=
´
100
3V
1V
-
´
(I
atV
=1V)
OUTn
OUTn
(I
atV
=3V)
(I
atV
=1V)
-
OUTn
OUTn
OUTn
OUTn
D
(%/V)=
TLC5947
SBVS114 – JULY 2008....................................................................................................................................................................................................... www.ti.com
At VCC = 3.0 V to 5.5 V and TA = –40°C to +85°C. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC5947
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –3 mA at SOUT
VCC – 0.4
VCC
V
VOL
Low-level output voltage
IOL = 3 mA at SOUT
0.4
V
IIN
Input current
VIN = VCC or GND at SIN, XLAT, and BLANK
–1
1
µA
SIN/SCLK/XLAT = low, BLANK = high, VOUTn = 1 V,
ICC1
0.5
3
mA
RIREF = 24 kΩ
SIN/SCLK/XLAT = low, BLANK = high, VOUTn = 1 V,
ICC2
1
6
mA
RIREF = 3.3 kΩ
Supply current (VCC)
SIN/SCLK/XLAT = low, BLANK = low, VOUTn = 1 V,
ICC3
15
45
mA
RIREF = 3.3 kΩ, GSn = FFFh
SIN/SCLK/XLAT = low, BLANK = low, VOUTn = 1 V,
ICC4
30
90
mA
RIREF = 1.6 kΩ, GSn = FFFh
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V,
IOLC
Constant output current
27.7
30.75
33.8
mA
RIREF = 1.6 kΩ
BLANK = high, VOUTn = 30 V, RIREF = 1.6 kΩ,
IOLK
Output leakage current
0.1
µA
At OUT0 to OUT23
Constant current error
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V,
ΔIOLC
±2
±4
%
(channel-to-channel)(1)
RIREF = 1.6 kΩ, At OUT0 to OUT23
Constant current error
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V,
ΔIOLC1
±2
±7
%
(device-to-device)(2)
RIREF = 1.6 kΩ
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V,
ΔIOLC2
Line regulation(3)
±1
±3
%/V
RIREF = 1.6 kΩ, At OUT0 to OUT23
All OUTn = ON, VOUTn = 1 V to 3 V, VOUTfix = 1 V,
ΔIOLC3
Load regulation(4)
±2
±6
%/V
RIREF = 1.6 kΩ, At OUT0 to OUT23
TDOWN
Thermal shutdown threshold
Junction temperature(5)
+150
+162
+175
°C
THYS
Thermal error hysteresis
Junction temperature(5)
+5
+10
+20
°C
VIREF
Reference voltage output
RIREF = 1.6 kΩ
1.16
1.20
1.24
V
(1)
The deviation of each output from the average of OUT0–OUT23 constant current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0–OUT23 constant current average from the ideal constant current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
(4)
Load regulation is calculated by the equation:
(5)
Not tested. Specified by design.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAP TI-TLC5947DAP Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
More results

Similar Description - TLC5947DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com