Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2014D1RGPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2014D1RGPR
Description  1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2014D1RGPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2014D1RGPR Datasheet HTML 4Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 5Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 6Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 7Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 8Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 9Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 10Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 11Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
V
-SupplyVoltage-V
DD
L =2.2 H
m
L =3.3 H
m
Gain=2V/V,
R =8
+33 H,
V
=5V,
L
CC
W
m
THD+N=1%
L =4.7 H
m
L =6.2 H
m
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
P
-OutputPower-W
O
Gain=2V/V,
R =8
+33 H,
V
=5V
L
CC
W
m
V
=3.6V
DD
V
=4.2V
DD
V
=2.5V
DD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
V
-SupplyVoltage-V
DD
L =2.2 H
m
L =3.3 H
m
Gain=2V/V,
R =8
+33 H,
V
=5V,
THD+N=10%
L
CC
W
m
L =4.7 H
m
L =6.2 H
m
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.5
1
1.5
P
-OutputPower-W
O
Gain=2V/V,
R =8
+33 H,
V
=5V
L
CC
W
m
V
=2.5V
DD
V
=3.6V
DD
V
=4.2V
DD
TPA2014D1
SLAS559A – MAY 2008 – REVISED JUNE 2008 ............................................................................................................................................................... www.ti.com
TOTAL EFFICIENCY
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
OUTPUT POWER
TOTAL POWER DISSIPATION
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2014D1


Similar Part No. - TPA2014D1RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Similar Description - TPA2014D1RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com