Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2031D1YZFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2031D1YZFR
Description  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2031D1YZFR Datasheet(HTML) 2 Page - Texas Instruments

  TPA2031D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
TPA2031D1
SLOS546 – MAY 2008........................................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TA
PACKAGE
PART NUMBER
SYMBOL
–40°C to 85°C
Wafer chip scale packaging – Lead free (YZF)
TPA2031D1YZF (1)
CEI
(1)
The YZF package is only available taped and reeled. Add the suffix R to the end of the part number for a reel of 3000 (e.g.,
TPA2031D1YZFR); or, add the suffix T for a reel of 250 (e.g., TPA2031D1YZFT).
over operating free-air temperature range unless otherwise noted(1)
TPA2031D1
In active mode
–0.3 V to 6 V
VDD
Supply voltage
In SHUTDOWN mode
–0.3 V to 7 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40°C to 85°C
TJ
Operating junction temperature
–40°C to 150°C
Tstg
Storage temperature
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these are any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.3
VDD
V
VIL
Low-level input voltage
SHUTDOWN
0
0.35
V
RI
Input resistor
Gain
≤ 20 V/V (26 dB)
15
k
VIC
Common mode input voltage range VDD = 2.5 V, 5.5 V, CMRR ≤ –49 dB
0.5
VDD–0.8
V
TA
Operating free-air temperature
–40
85
°C
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR(1)
POWER RATING
POWER RATING
POWER RATING
YZF
7.8 mW/°C
975 mW
624 mW
507 mW
(1)
Derating factor measured with High-K board.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2031D1


Similar Part No. - TPA2031D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2031D1 TI1-TPA2031D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Similar Description - TPA2031D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com