Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P43IRGCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P43IRGCT
Description  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P43IRGCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS62P43IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 10Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 11Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 12Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 13Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 14Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
www.ti.com
DEVICE CONFIGURATION
USING PARALLEL INTERFACE CONTROL ONLY
USING SERIAL INTERFACE PROGRAMMING ONLY
USING BOTH SERIAL INTERFACE and PARALLEL CONTROLS
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
ADS62P4X can be configured independently using either parallel interface control or serial interface
programming.
To control the device using the parallel interface, keep RESET tied to high (AVDD). Pins SEN, SCLK, CTRL1,
CTRL2 and CTRL3 can be used to directly control certain modes of the ADC. After power-up, the device will
automatically get configured as per the parallel pin voltage settings (Table 2 to Table 4).
In this mode, SEN and SCLK function as parallel analog control pins, which can be configured using a simple
resistor divider (Figure 4). Table 1 has a brief description of the modes controlled by the parallel pins.
Table 1. Parallel Pin Definition
PIN
TYPE OF PIN
CONTROLS MODES
SCLK
Analog control pins
Coarse Gain and internal/external reference
(controlled by analog
SEN
LVDS/CMOS interface and output data format
voltage levels, see )
CTRL1
Digital control pins
CTRL2
(controlled by digital
Together control various powerdown modes and MUX mode.
logic levels)
CTRL3
To program the device using the serial interface, keep RESET low. Pins SEN, SDATA, and SCLK function as
serial interface digital pins and are used to access the internal registers of ADC. The registers must first be reset
to their default values either by applying a pulse on RESET pin or by setting bit <RST> = 1. After reset, the
RESET pin must be kept low.
The serial interface section describes the register programming and register reset in more detail. Since the
parallel pins (CTRL1, CTRL2, CTRL3) are not used in this mode, they must be tied to ground.
For increased flexibility, a combination of serial interface registers and parallel pin controls (CTRL1 to CTRL3)
can also be used to configure the device. To allow this, keep RESET low.
The parallel interface control pins CTRL1 to CTRL3 are available. After power-up, the device will automatically
get configured as per the voltage settings on these pins (Table 4).
SEN, SDATA, and SCLK function as serial interface digital pins and are used to access the internal registers of
ADC. The registers must first be reset to their default values either by applying a pulse on RESET pin or by
setting bit <RST> = 1. After reset, the RESET pin must be kept low. The serial interface section describes the
register programming and register reset in more detail.
Since the power down modes can be controlled using both the parallel pins and serial registers, the priority
between the two is determined by <OVRD> bit. When <OVRD> bit = 0, pins CTRL1 to CTRL3 control the power
down modes. With <OVRD> = 1, register bits <POWER DOWN> control these modes, over-riding the pin
settings.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42


Similar Part No. - ADS62P43IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P43IRGCT TI-ADS62P43IRGCT Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results

Similar Description - ADS62P43IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com