Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P43IRGCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P43IRGCR
Description  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P43IRGCR Datasheet(HTML) 5 Page - Texas Instruments

  ADS62P43IRGCR Datasheet HTML 1Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 2Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 3Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 4Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 5Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 6Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 7Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 8Page - Texas Instruments ADS62P43IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
Typical values are at 25
°C, AVDD = 3.3 V, DRVDD = 1.8 v to 3.3 V, maximum rated sampling frequency, 50% clock duty
cycle, –1 dBFS differential analog input, internal reference mode, applies to CMOS and LVDS interfaces, unless otherwise
noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 3.3 V,
unless otherwise noted.
ADS62P45
ADS62P44
ADS62P43
ADS62P42
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
14
14
14
14
Bits
ANALOG INPUT
Differential input voltage range
2
2
2
2
VPP
Differential input resistance (dc)
> 1
> 1
> 1
> 1
M
see Figure 82
Differential input capacitance
7
7
7
7
pF
see Figure 83
Analog input bandwidth
450
450
450
450
MHz
Analog input common mode current (per
µA/MSP
1.3
1.3
1.3
1.3
input pin of each ADC)
S
REFERENCE VOLTAGES
VREFB
Internal reference bottom voltage
1
1
1
1
V
VREFT
Internal reference top voltage
2
2
2
2
V
VCM
Common mode output voltage
1.5
1.5
1.5
1.5
V
VCM output current capability
4
4
4
4
mA
DC ACCURACY
No missing codes
Specified
Specified
Specified
Specified
EO
Offset error
-10
± 2
10
-10
± 2
10
-10
± 2
10
-10
± 2
10
mV
Offset error temperature coefficient
0.05
0.05
0.05
0.05
mV/
°C
There are two sources of gain error – internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal reference
-2
0.25
2
-2
0.25
2
-2
0.25
2
-2
0.25
2
% FS
inaccuracy alone
EGCHAN
Gain error of channel alone(1)
across devices & across channels within a
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
% FS
device.
0.00
Channel gain error temperature coefficient
0.005
0.005
0.005
Δ%/
°C
5
-
±
-
DNL
Differential nonlinearity
-0.95
± 0.6
-0.95
± 0.6
± 0.5
LSB
0.95
0.5
0.95
INL
Integral nonlinearity
-5
± 2.5
5
-5
± 2.5
5
-5
± 2
5
-5
± 2
5
LSB
POWER SUPPLY
IAVDD
Analog supply current
240
275
215
240
180
200
156
175
mA
No external load
Digital supply current,
17
14
12
10
mA
capacitance
CMOS interface
IDRVDD
DRVDD = 1.8 V
10-pF external
30
26
22
19
mA
Fin = 2 MHz (2)
load capacitance
Digital supply current, LVDS interface
IDRVDD
73
73
73
73
mA
with 100-
Ω external termination
PAVDD
Analog power dissipation
799
908
710
792
594
660
515
578
mW
No external load
31
25
22
18
mW
Digital power dissipation,
capacitance
PDRVDD
CMOS interface
10-pF external
DRVDD = 1.8 V (3)
54
47
40
34
mW
load capacitance
Global powerdown
50
75
50
75
50
75
50
75
mW
(1)
This is specified by design and characterization; it is not tested in production.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency and the
supply voltage (see Figure 79 and CMOS power dissipation in application section).
(3)
The maximum DRVDD current depends on the actual load capacitance on the digital output lines. Note that the maximum
recommended load capacitance on each digital output line is 10 pF.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42


Similar Part No. - ADS62P43IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P43IRGCR TI-ADS62P43IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results

Similar Description - ADS62P43IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com