Electronic Components Datasheet Search |
|
ADS62P43IRGCTG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
ADS62P43IRGCTG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 70 page www.ti.com DEVICE CONFIGURATION USING PARALLEL INTERFACE CONTROL ONLY USING SERIAL INTERFACE PROGRAMMING ONLY USING BOTH SERIAL INTERFACE and PARALLEL CONTROLS ADS62P45, ADS62P44 ADS62P43, ADS62P42 SLAS561A – JULY 2007 – REVISED FEBRUARY 2008 ADS62P4X can be configured independently using either parallel interface control or serial interface programming. To control the device using the parallel interface, keep RESET tied to high (AVDD). Pins SEN, SCLK, CTRL1, CTRL2 and CTRL3 can be used to directly control certain modes of the ADC. After power-up, the device will automatically get configured as per the parallel pin voltage settings (Table 2 to Table 4). In this mode, SEN and SCLK function as parallel analog control pins, which can be configured using a simple resistor divider (Figure 4). Table 1 has a brief description of the modes controlled by the parallel pins. Table 1. Parallel Pin Definition PIN TYPE OF PIN CONTROLS MODES SCLK Analog control pins Coarse Gain and internal/external reference (controlled by analog SEN LVDS/CMOS interface and output data format voltage levels, see ) CTRL1 Digital control pins CTRL2 (controlled by digital Together control various powerdown modes and MUX mode. logic levels) CTRL3 To program the device using the serial interface, keep RESET low. Pins SEN, SDATA, and SCLK function as serial interface digital pins and are used to access the internal registers of ADC. The registers must first be reset to their default values either by applying a pulse on RESET pin or by setting bit <RST> = 1. After reset, the RESET pin must be kept low. The serial interface section describes the register programming and register reset in more detail. Since the parallel pins (CTRL1, CTRL2, CTRL3) are not used in this mode, they must be tied to ground. For increased flexibility, a combination of serial interface registers and parallel pin controls (CTRL1 to CTRL3) can also be used to configure the device. To allow this, keep RESET low. The parallel interface control pins CTRL1 to CTRL3 are available. After power-up, the device will automatically get configured as per the voltage settings on these pins (Table 4). SEN, SDATA, and SCLK function as serial interface digital pins and are used to access the internal registers of ADC. The registers must first be reset to their default values either by applying a pulse on RESET pin or by setting bit <RST> = 1. After reset, the RESET pin must be kept low. The serial interface section describes the register programming and register reset in more detail. Since the power down modes can be controlled using both the parallel pins and serial registers, the priority between the two is determined by <OVRD> bit. When <OVRD> bit = 0, pins CTRL1 to CTRL3 control the power down modes. With <OVRD> = 1, register bits <POWER DOWN> control these modes, over-riding the pin settings. Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42 |
Similar Part No. - ADS62P43IRGCTG4 |
|
Similar Description - ADS62P43IRGCTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |