Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2673 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 24Page - Texas Instruments OPA2673 Datasheet HTML 25Page - Texas Instruments OPA2673 Datasheet HTML 26Page - Texas Instruments OPA2673 Datasheet HTML 27Page - Texas Instruments OPA2673 Datasheet HTML 28Page - Texas Instruments OPA2673 Datasheet HTML 29Page - Texas Instruments OPA2673 Datasheet HTML 30Page - Texas Instruments OPA2673 Datasheet HTML 31Page - Texas Instruments OPA2673 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Noise Performance
Distortion Performance
E
=
O
E
+(I
R ) +4kTR
NI
BN
S
S
+(I R ) +4kTR NG
BI
F
F
2
2
2
4kT
R
G
R
G
R
F
R
S
1/2
OPA2673
I
BI
E
O
I
BN
4kT=1.6E
20J
-
at290 K
°
E
RS
E
NI
Ö4kTR
S
Ö4kTR
F
OPA2673
SBOS382 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
loads greater than 2pF can begin to degrade the
performance of the OPA2673. Long PCB traces,
Wideband current-feedback op amps generally have
unmatched cables, and connections to multiple
a
higher
output
noise
than
comparable
devices can easily cause this value to be exceeded.
voltage-feedback op amps. The OPA2673 offers an
Always consider this effect carefully, and add the
excellent balance between voltage and current noise
recommended series resistor as close as possible to
terms to achieve low output noise. The inverting
the OPA2673 output pin (see the Board Layout
current
noise
(35pA/
√Hz) is
lower
than
earlier
Guidelines section).
solutions,
whereas
the
input
voltage
noise
(2.4nV/
√Hz) is lower than most unity-gain stable,
wideband voltage-feedback op amps. This low input
voltage noise is achieved at the price of higher
The OPA2673 provides good distortion performance
noninverting input current noise (5.2pA/
√Hz). As long
into a 100
Ω load on ±6V supplies. Generally, until the
as the ac source impedance from the noninverting
fundamental signal reaches very high frequency or
node is less than 100
Ω, this current noise does not
power levels, the second harmonic dominates the
contribute significantly to the total output noise. The
distortion with a negligible third harmonic component.
op amp input voltage noise and the two input current
Focusing then on the second harmonic, increasing
noise terms combine to give low output noise under a
the load impedance improves distortion directly.
wide variety of operating conditions. Figure 84 shows
Remember that the total load includes the feedback
the op amp noise analysis model with all noise terms
network—in
the
noninverting
configuration
(see
included. In this model, all noise terms are taken to
Figure 76), this network is the sum of RF + RG; in the
be noise voltage or current density terms in either
inverting configuration, it is RF. Also, providing an
nV/
√Hz or pA/√Hz.
additional
supply
decoupling
capacitor
(0.01
µF)
between the supply pins (for bipolar operation)
The total output spot noise voltage can be computed
improves the second-order distortion slightly (3dB to
as the square root of the sum of all squared output
6dB).
noise voltage contributors. Equation 16 shows the
general form for the output noise voltage using the
In most op amps, increasing the output voltage swing
terms given in Figure 84.
directly increases harmonic distortion. The Typical
Characteristics show the second harmonic increasing
at a little less than the expected 2x rate, whereas the
third harmonic increases at a little less than the
(16)
expected 3x rate. Where the test power doubles, the
difference between it and the second harmonic
decreases less than the expected 6dB, while the
difference
between
it
and
the
third
harmonic
decreases by less than the expected 12dB. This
factor also shows up in the two-tone, third-order
intermodulation spurious (IM3) response curves. The
third-order spurious levels are extremely low at
low-output power levels. The output stage continues
to hold them low even as the fundamental power
reaches
very
high
levels.
As
the
Typical
Characteristics show, the spurious intermodulation
powers do not increase as predicted by a traditional
intercept model. As the fundamental power level
increases, the dynamic range does not decrease
significantly. For two tones centered at 40MHz, with
10dBm/tone into a matched 50
Ω load (that is, 2VPP
Figure 84. Op Amp Noise Analysis Model
for each tone at the load, which requires 8VPP for the
overall two-tone envelope at the output pin), the
Dividing this expression by the noise gain [NG = (1 +
Typical
Characteristics
show
69dBc
difference
RF/RG)] gives the equivalent input-referred spot noise
between the test-tone power and the third-order
voltage at the noninverting input, as shown in
intermodulation spurious levels. This exceptional
Equation 17.
performance improves further when operating at
lower frequencies.
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673


Similar Part No. - OPA2673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IDGQ TI-OPA2673IDGQ Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IDGQR TI-OPA2673IDGQR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVR TI-OPA2673IRGVR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVRG4 TI-OPA2673IRGVRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
More results

Similar Description - OPA2673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673_1 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
OPA2675 TI-OPA2675_V01 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com