Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD1NB80-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD1NB80-1
Description  N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1NB80-1 Datasheet(HTML) 3 Page - STMicroelectronics

  STD1NB80-1 Datasheet HTML 1Page - STMicroelectronics STD1NB80-1 Datasheet HTML 2Page - STMicroelectronics STD1NB80-1 Datasheet HTML 3Page - STMicroelectronics STD1NB80-1 Datasheet HTML 4Page - STMicroelectronics STD1NB80-1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD = 400 V
ID = 0.5A
RG = 4.7
VGS = 10 V
8
10
12
14
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 640 V
ID =1.1 A VGS = 10 V
10
5
4
14
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 640 V
ID = 1.1 A
RG = 4.7
Ω VGS = 10 V
40
15
50
56
21
70
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
1
4
A
A
VSD (
∗)
Forward On Voltage
ISD = 1 A
VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 1.1 A
di/dt = 100 A/
µs
VDD = 100 V
Tj = 150
o C
460
1150
5
ns
nC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STD1NB80-1
3/5


Similar Part No. - STD1NB80-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH횚 MOSFET
September 1998
More results

Similar Description - STD1NB80-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
   N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
May 1999
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH횚 MOSFET
September 1998
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD2NB80 STMICROELECTRONICS-STD2NB80 Datasheet
92Kb / 9P
   N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
   N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
   N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
   N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?줚I MOSFET
logo
E-CMOS Corporation
EC731N80D E-CMOS-EC731N80D Datasheet
243Kb / 5P
   800V, 1A N-Channel MOSFET
logo
STMicroelectronics
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
   N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
logo
Unisonic Technologies
1N80 UTC-1N80_11 Datasheet
182Kb / 6P
   1A, 800V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com