Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7152 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7152 Datasheet HTML 2Page - Analog Devices AD7152 Datasheet HTML 3Page - Analog Devices AD7152 Datasheet HTML 4Page - Analog Devices AD7152 Datasheet HTML 5Page - Analog Devices AD7152 Datasheet HTML 6Page - Analog Devices AD7152 Datasheet HTML 7Page - Analog Devices AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices AD7152 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Positive Supply Voltage, VDD to GND
−0.3 V to +3.9 V
Voltage on Any Input or Output Pin to GND
−0.3 V to VDD + 0.3 V
ESD Rating (ESD Association Human
Body Model, S5.1)
4 kV
ESD Rating (Field-Induced Charged
Device Model)
750 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
MSOP
θJA Thermal Impedance-to-Air
206°C/W
θJC Thermal Impedance-to-Case
44°C/W
Reflow Soldering (Pb-Free)
Peak Temperature
260 (+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7152BRMZ AD-AD7152BRMZ Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7152BRMZ-REEL AD-AD7152BRMZ-REEL Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
More results

Similar Description - AD7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com