Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7152 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 3 Page - Analog Devices

  AD7152 Datasheet HTML 1Page - Analog Devices AD7152 Datasheet HTML 2Page - Analog Devices AD7152 Datasheet HTML 3Page - Analog Devices AD7152 Datasheet HTML 4Page - Analog Devices AD7152 Datasheet HTML 5Page - Analog Devices AD7152 Datasheet HTML 6Page - Analog Devices AD7152 Datasheet HTML 7Page - Analog Devices AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 3.6 V; GND = 0 V; −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
CAPACITIVE INPUT
Capacitive Input Ranges
±2
pF
Differential mode
±1
pF
±0.5
pF
±0.25
pF
4
pF
Single-ended mode
2
pF
1
pF
0.5
pF
Gain Matching Between Ranges
±3
% of FS
Integral Nonlinearity (INL)2
±0.05
% of FS
No Missing Codes2
12
Bits
Resolution, p-p2, 3
10
Bits
25°C, VDD = 3.3 V, 4 pF range
Resolution Effective2, 3
12
Bits
25°C, VDD = 3.3 V, 4 pF range
Absolute Error4
±20
fF
25°C, VDD = 3.3 V, after system offset
calibration, ±2 pF range
System Offset Calibration Range5, 6
40
% of FSR
Offset Deviation over Temperature2
1
5
fF
Single-ended mode, CIN and EXC
pins disconnected, see Figure 8
0.3
1
fF
Differential mode, CIN and EXC
pins disconnected
Gain Error7
0.5
% of FSR
25°C, VDD = 3.3 V
Gain Deviation over Temperature2
0.3
0.4
% of FSR
See Figure 7
Allowed Capacitance, CIN to GND2
50
pF
See Figure 9 and Figure 10
Allowed Resistance, CIN to GND2
10
See Figure 13
Allowed Serial Resistance2
20
See Figure 16
Power Supply Rejection DC
2
fF/V
See Figure 17
Normal-Mode Rejection2
−70
dB
50 Hz ± 1 Hz, conversion time = 60 ms
−70
dB
60 Hz ± 1 Hz, conversion time = 50 ms
Channel-to-Channel Isolation2
−70
dB
AD7152 only
CAPDAC
Full Range
5
6.25
pF
Resolution8
200
fF
5-bit CAPDAC
Differential Nonlinearity (DNL)2
0.25
LSB
See Figure 18 and Figure 19
Offset Deviation over Temperature2
0.3
% of CAPDAC FSR
Single-ended mode
EXCITATION
Frequency
30.9
32
32.8
kHz
Voltage
±VDD/2
V
Allowed Capacitance, EXC to GND2
300
pF
See Figure 11 and Figure 12
SERIAL INTERFACE LOGIC INPUTS (SCL, SDA)
Input High Voltage, VIH
1.5
V
Input Low Voltage, VIL
0.8
V
Input Leakage Current (SCL)
±0.1
±5
μA
OPEN-DRAIN OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
ISINK =
6.0 mA
Output High Leakage Current, IOH
0.1
5
μA
VOUT = VDD
POWER SUPPLY MONITOR
Threshold Voltage, VDD
2.45
2.65
V


Similar Part No. - AD7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7152BRMZ AD-AD7152BRMZ Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7152BRMZ-REEL AD-AD7152BRMZ-REEL Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
More results

Similar Description - AD7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com