Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8260 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 3 Page - Analog Devices

  AD8260 Datasheet HTML 1Page - Analog Devices AD8260 Datasheet HTML 2Page - Analog Devices AD8260 Datasheet HTML 3Page - Analog Devices AD8260 Datasheet HTML 4Page - Analog Devices AD8260 Datasheet HTML 5Page - Analog Devices AD8260 Datasheet HTML 6Page - Analog Devices AD8260 Datasheet HTML 7Page - Analog Devices AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8260
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VS (supply voltage) = 3.3 V, TA = 25°C, preamplifier gain = 2× (RFB1 = RFB2 = 100 Ω), VVMDO = VS/2, f = 10 MHz, CL = 5 pF, RLOAD = 500 Ω,
DGA differential output. All dBm values are referenced to 50 Ω, gain code 1011, unless otherwise specified.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DRIVER AMPLIFIER—GENERAL PARAMETERS
–3 dB Small Signal Bandwidth
VOUT = 10 mV p-p, RLOAD = 500 Ω
195
MHz
VOUT = 10 mV p-p, RLOAD = 50 Ω
120
MHz
VOUT = 10 mV p-p, RLOAD = 10 Ω
85
MHz
–3 dB Large Signal Bandwidth
VOUT = 1 V p-p
195
MHz
VOUT = 2 V p-p
190
MHz
VOUT = 2 V p-p, RLOAD = 50 Ω
180
MHz
Slew Rate
VOUT = 1 V p-p
730
V/μs
VOUT = 2 V p-p
725
V/μs
VOUT = 2 V p-p, RLOAD = 50 Ω
620
V/μs
Gain
Nominal gain with internal gain setting resistors
3.0
3.52
dB
Input Voltage Noise
f = 10 MHz
9.5
nV/√Hz
Noise Figure
RS = 100 Ω (differential, 2 × 50 Ω that convert
differential DAC output currents to differential voltage)
17.6
dB
Output-Referred Noise
Gain = 3.52 dB (1.5×), includes internal gain setting
resistors
14.3
nV/√Hz
Output Impedance
DC to 10 MHz, VS = ±3.3 V
≤1.7
Ω
Output Current
RLOAD = 1 Ω, VIN = ±0.5 V
±310
mA
Output Signal Range
RLOAD ≥ 500 Ω
VMDO ± 1.5
V
VS = +5 V
VMDO ± 2.3
V
VS =
±5 V
±4.7
V
Input Signal Range
Differential input signal
2
V p-p
Output Offset Voltage
Gain = 3.52 dB (1.5×), max and min limits are 3σ
−20
±5
+20
mV
DRIVER AMPLIFIER—DYNAMIC PERFORMANCE
Harmonic Distortion
VOUT = 1 V p-p
HD2
f = 1 MHz
−84
dBc
HD3
−85
dBc
HD2
f = 10 MHz
−83
dBc
HD3
−70
dBc
Harmonic Distortion
VOUT = 2 V p-p
HD2
f = 1 MHz
−78
dBc
HD3
−76
dBc
HD2
f = 10 MHz
−70
dBc
HD3
−58
dBc
Input 1 dB Compression Point
13
dBm
Multitone Power Ratio (MTPR, In-Band)
RLOAD = 50 Ω, VOUT = 1.4 V p-p max, 10 tones, 2 MHz to
22 MHz with missing tone at 12 MHz (spacing 2 MHz)
−49
dBc
RLOAD = 50 Ω, VOUT = 1.4 V p-p max, 16 tones, 2 MHz to
38 MHz with missing tones at 10 MHz, 20 MHz, 30 MHz,
and 40 MHz (spacing 2 MHz)
−43
dBc
Two-Tone Intermodulation Distortion (IMD3)
VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−90
dBc
VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−71
dBc
VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−60
dBc
VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−48
dBc
Output Third-Order Intercept
VOUT = 1 V p-p, f = 10 MHz
43
dBm
VOUT = 2 V p-p, f = 10 MHz
40
dBm
VOUT = 1 V p-p, f = 45 MHz
28
dBm
VOUT = 2 V p-p, f = 45 MHz
28
dBm
Two-Tone Intermodulation Distortion (IMD3),
RLOAD = 50 Ω
VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−69
dBc
VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−72
dBc
VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−51
dBc
VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−48
dBc


Similar Part No. - AD8260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8260 AD-AD8260 Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8260ACPZ-R7 AD-AD8260ACPZ-R7 Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8260ACPZ-RL AD-AD8260ACPZ-RL Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8260ACPZ-WP AD-AD8260ACPZ-WP Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
More results

Similar Description - AD8260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8260 AD-AD8260_16 Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
logo
National Semiconductor ...
LH2440 NSC-LH2440 Datasheet
367Kb / 5P
   CRT PREAMPLIFIER AND DRIVER
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
logo
Infineon Technologies A...
BGA9H1MN9 INFINEON-BGA9H1MN9 Datasheet
663Kb / 21P
   Mid- and High-Band Low Noise Amplifier with Gain Steps and MIPI Control
Revision 2.0 2021-05-06
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
   PREAMPLIFIER AND SPEAKER DRIVER USING TS925
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com