Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8506 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8506
Description  20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8506 Datasheet(HTML) 1 Page - Analog Devices

  AD8506_07 Datasheet HTML 1Page - Analog Devices AD8506_07 Datasheet HTML 2Page - Analog Devices AD8506_07 Datasheet HTML 3Page - Analog Devices AD8506_07 Datasheet HTML 4Page - Analog Devices AD8506_07 Datasheet HTML 5Page - Analog Devices AD8506_07 Datasheet HTML 6Page - Analog Devices AD8506_07 Datasheet HTML 7Page - Analog Devices AD8506_07 Datasheet HTML 8Page - Analog Devices AD8506_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
20 μA Maximum, Rail-to-Rail I/O,
Zero Input Crossover Distortion Amplifiers
AD8506/AD8508
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
PSRR: 100 dB minimum
CMRR: 105 dB typical
Very low supply current: 20 μA per amp maximum
1.8 V to 5 V single-supply or ±0.9 V to ±2.5 V dual-supply
operation
Rail-to-rail input and output
Low noise: 45 nV/√Hz @ 1 kHz
2.5 mV offset voltage maximum
Very low input bias current: 1 pA typical
APPLICATIONS
Pressure and position sensors
Remote security
Bio sensors
IR thermometers
Battery-powered consumer equipment
Hazard detectors
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8506
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM-8)
OUT A 1
–IN A 2
+IN A 3
V+
4
OUT D
–IN D
+IN D
V–
14
13
12
11
+IN B 5
–IN B
6
OUT B 7
+IN C
–IN C
OUT C
10
9
8
AD8508
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
The AD8506/AD8508 are dual and quad micropower amplifiers
featuring rail-to-rail input and output swings while operating from
a 1.8 V to 5 V single or from ±0.9 V to ±2.5 V dual power supply.
Using a novel circuit technology, these low cost amplifiers offer
zero crossover distortion (excellent PSRR and CMRR perform-
ance) and very low bias current, while operating with a supply
current of less than 20 μA per amplifier. This amplifier family
offers the lowest noise in its power class.
This combination of features makes the AD8506/AD8508
amplifiers ideal choices for battery-powered applications
because they minimize errors due to power supply voltage
variations over the lifetime of the battery and maintain high
CMRR even for a rail-to-rail input op amp.
Remote battery-powered sensors, handheld instrumentation
and consumer equipment, hazard detection (for example, smoke,
fire, and gas), and patient monitors can benefit from the features
of the AD8506/AD8508 amplifiers.
The AD8506/AD8508 are specified for both the industrial
temperature range of −40°C to +85°C and the extended industrial
temperature range of −40°C to +125°C. The AD8506 dual amplifi-
ers are available in an 8-lead MSOP package. The AD8508 quad
amplifiers are available in the 14-lead TSSOP package.


Similar Part No. - AD8506_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD85063 ETC-AD85063 Datasheet
650Kb / 4P
   Shenzhen XinJinShang Electronics Co. Ltd
VER:C1-1
AD85063 ETC-AD85063 Datasheet
388Kb / 4P
   精简型 DC-DC 降压电路
logo
Analog Devices
AD8506ACBZ AD-AD8506ACBZ Datasheet
139Kb / 10P
   Micropower, Rail-to-Rail I/O, High Linearity Amplifiers
Rev. PrA
AD8506ACBZ-REEL AD-AD8506ACBZ-REEL Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
AD8506ACBZ-REEL7 AD-AD8506ACBZ-REEL7 Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
More results

Similar Description - AD8506_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com