Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9388A Datasheet(PDF) 10 Page - Analog Devices

Part # AD9388A
Description  10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9388A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9388A Datasheet HTML 6Page - Analog Devices AD9388A Datasheet HTML 7Page - Analog Devices AD9388A Datasheet HTML 8Page - Analog Devices AD9388A Datasheet HTML 9Page - Analog Devices AD9388A Datasheet HTML 10Page - Analog Devices AD9388A Datasheet HTML 11Page - Analog Devices AD9388A Datasheet HTML 12Page - Analog Devices AD9388A Datasheet HTML 13Page - Analog Devices AD9388A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9388A
Rev. B | Page 10 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
1
DDCB_SDA
2
SPDIF
3
I2S0
4
I2S1
5
I2S2
6
I2S3
7
LRCLK
8
SCLK
9
MCLKOUT
10
EXT_CLAMP
11
SDA
12
SCL
13
ALSB
14
DGND
15
DVDDIO
16
DE/FIELD
17
HS/CS
18
VS/FIELD
19
INT1
20
SYNC_OUT/INT2
21
RESET
22
DGND
23
DVDD
24
P0
25
P1
26
P2
27
P3
28
P4
29
P5
30
P6
31
P7
32
P8
33
P9
34
DGND
35
DVDDIO
36
P10
73
TEST0
74
TEST1
75
SOG
76
AIN7
77
AIN1
78
AIN8
79
AIN2
80
AIN9
81
AIN3
82
AGND
83
AGND
84
AVDD
85
REFOUT
86
CML
87
AGND
88
AVDD
89
TEST2
90
REFN
91
TEST3
92
REFP
93
AIN10
94
AIN4
95
AIN11
96
AIN5
97
SOY
98
AIN12
99
AIN6
100
PGND
101
PVDD
102
AUDIO_ELPF
103
CGND
104
CVDD
105
DDCA_SCL
106
DDCA_SDA
107
TEST4
108
TEST5
AD9388A
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
14, 22, 34, 49, 56, 64, 143
DGND
G
Digital Ground.
82, 83, 87
AGND
G
Analog Ground.
69, 72, 100
PGND
G
PLL Ground.
103, 110, 126, 140
CGND
G
Comparator Ground.
114, 117, 120, 130, 133, 136
TGND
G
Terminator Ground.
15, 35, 50, 67
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
23, 57, 142
DVDD
P
Digital Core Supply Voltage (1.8 V).
84, 88
AVDD
P
Analog Supply Voltage (1.8 V).
68, 71, 101
PVDD
P
Audio and Video PLL Supply Voltage (1.8 V).
104, 109, 125, 141
CVDD
P
HDMI Comparator, TMDS PLL, and Equalizer Supply Voltage (1.8 V).
111, 123, 127, 139
TVDD
P
Terminator Supply Voltage (3.3 V).
73, 74, 91, 108
TEST0, TEST1, TEST3, TEST5
I
Test Pins. Do not connect.
89
TEST2
O
Test Pin. Do not connect.
107
TEST4
I/O
Test Pin. Do not connect.
76 to 81, 93 to 96, 98, 99
AIN1 to AIN12
I
Analog Video Input Channel.


Similar Part No. - AD9388A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380/PCB AD-AD9380/PCB Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-100 AD-AD9380KSTZ-100 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-150 AD-AD9380KSTZ-150 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

Similar Description - AD9388A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com