Electronic Components Datasheet Search |
|
AD7658YSTZ-1 Datasheet(PDF) 4 Page - Analog Devices |
|
AD7658YSTZ-1 Datasheet(HTML) 4 Page - Analog Devices |
4 / 32 page AD7656-1/AD7657-1/AD7658-1 Rev. 0 | Page 4 of 32 Parameter B Version1 Y Version1 Unit Test Conditions/Comments LOGIC INPUTS Input High Voltage (VINH) 0.7 × VDRIVE 0.7 × VDRIVE V min Input Low Voltage (VINL) 0.3 × VDRIVE 0.3 × VDRIVE V max Input Current (IIN) ±10 ±10 μA max Typically 10 nA, VIN = 0 V or VDRIVE Input Capacitance (CIN)3 10 10 pF max LOGIC OUTPUTS Output High Voltage (VOH) VDRIVE − 0.2 VDRIVE − 0.2 V min ISOURCE = 200 μA Output Low Voltage (VOL) 0.2 0.2 V max ISINK = 200 μA Floating-State Leakage Current ±10 ±10 μA max Floating-State Output Capacitance3 10 10 pF max Output Coding Twos complement CONVERSION RATE Conversion Time 3.1 3.1 μs max Track-and-Hold Acquisition Time2, 3 550 550 ns max Throughput Rate 250 250 kSPS Parallel interface mode only POWER REQUIREMENTS VDD 5/15 5/15 V nom min/max For the 4 × VREF range, VDD = 10 V to 16.5 V VSS −5/−15 −5/−15 V nom min/max For the 4 × VREF range, VDD = −10 V to −16.5 V AVCC 5 5 V nom DVCC 5 5 V nom VDRIVE 3/5 3/5 V nom min/max ITOTAL4 Digital inputs = 0 V or VDRIVE Normal Mode—Static 18 18 mA max AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V, VSS = −16.5 V Normal Mode—Operational 26 26 mA max fSAMPLE = 250 kSPS, AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V, VSS = −16.5 V ISS (Operational) 0.25 0.25 mA max VSS = −16.5 V, fSAMPLE = 250 kSPS IDD (Operational) 0.25 0.25 mA max VDD = 16.5 V, fSAMPLE = 250 kSPS Partial Power-Down Mode 7 7 mA max AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V, VSS = −16.5 V Full Power-Down Mode (STBY Pin) 400 400 μA max SCLK on or off, AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V, VSS = −16.5 V Power Dissipation AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V, VSS = −16.5 V Normal Mode—Static 94 94 mW max Normal Mode—Operational 140 140 mW max fSAMPLE = 250 kSPS Partial Power-Down Mode 40 40 mW max Full Power-Down Mode (STBY Pin) 25 25 μW max 1 The temperature range for the B version is −40°C to +85°C and for the Y version is −40°C to +125°C. 2 See the Terminology section. 3 Sample tested during initial release to ensure compliance. 4 Includes IAVCC, IVDD, IVSS, IVDRIVE, and IDVCC. |
Similar Part No. - AD7658YSTZ-1 |
|
Similar Description - AD7658YSTZ-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |