Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5513-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5513-EVALZ
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5513-EVALZ Datasheet HTML 4Page - Analog Devices ADL5513-EVALZ Datasheet HTML 5Page - Analog Devices ADL5513-EVALZ Datasheet HTML 6Page - Analog Devices ADL5513-EVALZ Datasheet HTML 7Page - Analog Devices ADL5513-EVALZ Datasheet HTML 8Page - Analog Devices ADL5513-EVALZ Datasheet HTML 9Page - Analog Devices ADL5513-EVALZ Datasheet HTML 10Page - Analog Devices ADL5513-EVALZ Datasheet HTML 11Page - Analog Devices ADL5513-EVALZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADL5513
Preliminary Technical Data
Rev. PrA | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 5 V; TA = +25°C, −40°C, +85°C; +125°C, unless otherwise noted. Black: +25°C, Blue: −40°C; Red: +85°C, Orange: +125°C. Error is
calculated by using the best-fit line between PIN = −40 dBm and PIN = −10 dBm at the specified input frequency, unless otherwise noted.
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
Figure 3 VOUT and Log Conformance vs. Input Amplitude at 100 MHz,
Multiple Devices, VTADJ = 1.0 V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 6 VOUT and Log Conformance vs. Input Amplitude at 100 MHz,
VTADJ = 1.0 V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
Figure 4 VOUT and Log Conformance vs. Input Amplitude at 900 MHz,
Multiple Devices, VTADJ = 0.975 V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 7 VOUT and Log Conformance vs. Input Amplitude at 900 MHz,
VTADJ = 0.975 V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
Figure 5 VOUT and Log Conformance vs. Input Amplitude at 1900 MHz,
Multiple Devices, VTADJ = 0.925 V
Figure 8. VOUT and Log Conformance vs. Input Amplitude at 1900 MHz,
VTADJ = 0.925 V


Similar Part No. - ADL5513-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513-EVALZ AD-ADL5513-EVALZ Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513-EVALZ AD-ADL5513-EVALZ Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
More results

Similar Description - ADL5513-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com