Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1186-2ARQZ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1186-2ARQZ-REEL
Description  Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1186-2ARQZ-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADM1186-2ARQZ-REEL Datasheet HTML 1Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 2Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 3Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 4Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 5Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 6Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 7Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 8Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADM1186
Rev. 0 | Page 3 of 28
During a power-up sequence, the state machine enables each
power supply in turn. The supply output voltage is monitored to
determine whether it rises above the UV threshold level within
a user defined duration called the blanking time. If a supply
rises above the UV threshold, the next enable output in the
sequence is turned on. In addition to the blanking time, the
user can also define a sequence time delay before each enable
output is turned on.
The ADM1186-1 provides an open-drain pin, SEQ_DONE,
that is asserted high to provide an indication that a power-up
sequence is complete. The SEQ_DONE pin allows multiple
cascaded ADM1186-1 devices to perform controlled power-up
and power-down sequences.
During a power-down sequence, the enable outputs turn off
in reverse order. The same sequence time delays used during
the power-up sequence are also used during the power-down
sequence as each enable output is turned off; no blanking time
is used during a power-down sequence. At the end of a power-
down sequence, the SEQ_DONE pin is brought low.
During sequencing and when powered up, the state machine
continuously monitors the part for any fault conditions. Faults
include a UV condition on any of the inputs or an unexpected
control input. Any fault causes the state machine to enter a fault
handler, which immediately turns off all enable outputs and
then ensures that the device is ready to start a new power-up
sequence.
The ADM1186-1 has a bidirectional pin, FAULT, that facilitates
fault handling when using multiple devices. If an ADM1186-1
experiences a fault condition, the FAULT pin is driven low,
causing other connected ADM1186-1 devices to enter their own
fault handling states.
The ADM1186-1 is available in a 20-lead QSOP package, and
the ADM1186-2 is available in a 16-lead QSOP package.
POWER-DOWN
DONE
WAIT START
FAULT HANDLER
SEQUENCE
SUPPLY 1 ON
SEQUENCE
SUPPLY 1 OFF
SEQUENCE
SUPPLY 2 ON
SEQUENCE
SUPPLY 2 OFF
SEQUENCE
SUPPLY 3 OFF
SEQUENCE
SUPPLY 4 OFF
SEQUENCE
SUPPLY 3 ON
SEQUENCE
SUPPLY 4 ON
POWER-UP DONE
SEQUENCE UP
TRIGGER
SEQUENCE DOWN TRIGGER
FAULT CONDITION OCCURS
IN ANY STATE
Figure 2. Simplified State Machine Diagram


Similar Part No. - ADM1186-2ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1181 AD-ADM1181 Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM1186-2ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com