Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1186-2ARQZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1186-2ARQZ-REEL
Description  Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1186-2ARQZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADM1186-2ARQZ-REEL Datasheet HTML 1Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 2Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 3Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 4Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 5Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 6Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 7Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 8Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADM1186
Rev. 0 | Page 4 of 28
SPECIFICATIONS
VVCC = 2.7 V to 5.5 V, TA = −40°C to +85°C; typical values at TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCC PIN
Operating Voltage Range, VVCC
2.7
3.3
5.5
V
Undervoltage Lockout, VUVLO
2.46
V
VVCC falling
Undervoltage Lockout Hysteresis
50
mV
Supply Current, IVCC
146
210
μA
Steady state; sequence complete
VIN1 TO VIN4 (VINx) PINS
Input Current
−25
+25
nA
VVINx = 0 V to 1 V
−100
+100
nA
VVINx = 0 V to 5.5 V; VVINx can be greater than VVCC
Input Threshold1
0.5952
0.6000
0.6048
V
Input Glitch Immunity
Positive Glitch Duration
19.9
26.6
33.2
μs
50 mV input overdrive
Negative Glitch Duration
2.75
4.7
6.6
μs
50 mV input overdrive
UP, DOWN, AND UP/DOWN PINS
Input Current
−100
+100
nA
VUP/
DOWN = 0 V to 5.5 V; VUP/DOWN can be greater than VVCC
Input Threshold1
1.372
1.4
1.428
V
Input Glitch Immunity
3.3
6.8
9.7
μs
100 mV input overdrive
2.7
4.9
7.9
μs
1 V input overdrive
DLY_EN_OUTx AND BLANK_DLY PINS
Time Delay Accuracy
5
9
%
External capacitor values of 10 nF to 2.2 μF; excludes
external capacitor tolerance
Time Delay Charge Current
14
μA
Time Delay Threshold
1.4
V
Time Delay Discharge Resistor
450
Ω
OUT1 TO OUT4 (OUTx) PINS
Output Low Voltage, VOUTL
0.4
V
VVCC = 2.7 V, ISINK = 2 mA
Leakage Current
1
μA
OUTx = 5.5 V
VVCC That Guarantees Valid Outputs
1
V
Output is guaranteed to be either low (VOUTL = 0.4 V)
or giving a valid output level from VVCC = 1 V, ISINK =
30 μA or VVCC = 1.1 V, ISINK = 100 μA
PWRGD PIN
Output Low Voltage, VPWRGDL
0.4
V
VVCC = 2.7 V, ISINK = 2 mA
Leakage Current
1
μA
PWRGD = 5.5 V
VVCC That Guarantees Valid Outputs
1
V
Output is guaranteed to be either low (VPWRGDL = 0.4 V)
or giving a valid output level from VVCC = 1 V, ISINK =
30 μA or VVCC = 1.1 V, ISINK = 100 μA
FAULT PIN
Input Threshold1
1.372
1.4
1.428
V
Input Glitch Immunity
3.1
5.6
8.1
μs
1 V input overdrive
Output Low Voltage, V
FAULTL
0.4
V
VVCC = 2.7 V, ISINK = 2 mA
Leakage Current
1
μA
FAULT = 5.5 V
VVCC That Guarantees Valid Outputs
1
V
Output is guaranteed to be either low (V
FAULTL = 0.4 V)
or giving a valid output level from VVCC = 1 V, ISINK =
30 μA or VVCC = 1.1 V, ISINK = 100 μA


Similar Part No. - ADM1186-2ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1181 AD-ADM1181 Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM1186-2ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com