Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1186-2ARQZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1186-2ARQZ-REEL
Description  Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1186-2ARQZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADM1186-2ARQZ-REEL Datasheet HTML 1Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 2Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 3Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 4Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 5Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 6Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 7Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 8Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Quad Voltage Up and Down Sequencer
and Monitor with Programmable Timing
ADM1186
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Powered from 2.7 V to 5.5 V on the VCC pin
Monitors four supplies via 0.8% accurate comparators
Digital core supports up and down supply sequencing
Multiple devices can be cascaded (ADM1186-1)
Four inputs can be programmed to monitor different voltage
levels with resistor dividers
Capacitor programmable supply sequence time delays
and a timeout delay to 5% accuracy at 25°C
Four open-drain enable outputs
Open-drain power-good output
Open-drain sequence complete pin and bidirectional
open-drain fault pin (ADM1186-1 only)
APPLICATIONS
Monitor and alarm functions
Up and down power supply sequencing
Telecommunication and data communication equipment
PCs, servers, and notebook PCs
GENERAL DESCRIPTION
The ADM1186-1 and ADM1186-2 are integrated, four-channel
voltage monitoring and sequencing devices. A 2.7 V to 5.5 V
power supply is required on the VCC pin for power.
Four precision comparators, VIN1 to VIN4, monitor four
voltage rails. All four comparators share a 0.6 V reference and
have a worst-case accuracy of 0.8%. Resistor networks that are
external to the VIN1, VIN2, VIN3, and VIN4 pins set the
undervoltage (UV) trip points for the monitored supply rails.
The ADM1186-1 and ADM1186-2 have four open-drain enable
outputs, OUT1 to OUT4, that are used to enable power supplies.
An open-drain power-good output, PWRGD, indicates whether
the four VINx inputs are above their UV thresholds.
A state machine monitors the state of the UP and DOWN pins
on the ADM1186-1 or the UP/DOWN pin on the ADM1186-2
to control the supply sequencing direction (see Figure 2). In the
WAIT START state, a rising edge transition on the UP or
UP/DOWN pin triggers a power-up sequence. A falling edge
transition on the DOWN or UP/DOWN pin in the POWER-UP
DONE state triggers a power-down sequence.
APPLICATION DIAGRAM
5V
IN
EN
OUT
ADP1706
5V
IN
EN
OUT
ADP2107
5V
3.3V AUX
IN
EN
OUT
ADP1821
5V
IN
EN
OUT
ADP1706
FAULT
UP
DOWN
DLY_EN_OUT1
DLY_EN_OUT2
DLY_EN_OUT3
DLY_EN_OUT4
BLANK_DLY
PWRGD
SEQ_DONE
VIN1
VIN2
VIN3
VIN4
VCC
OUT1
OUT2
GND
OUT3
OUT4
ADM1186-1
3.3V AUX
2.5V AUX
2.5V
1.8V
1.2V
3.3V
SEQUENCE CONTROL
3.3V AUX
1µF
100nF
3.3V AUX
5V
3.3V AUX
5V
Figure 1.


Similar Part No. - ADM1186-2ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1181 AD-ADM1181 Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM1186-2ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com