Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2873 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2873
Description  3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2873 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2873 Datasheet HTML 2Page - Analog Devices ADN2873 Datasheet HTML 3Page - Analog Devices ADN2873 Datasheet HTML 4Page - Analog Devices ADN2873 Datasheet HTML 5Page - Analog Devices ADN2873 Datasheet HTML 6Page - Analog Devices ADN2873 Datasheet HTML 7Page - Analog Devices ADN2873 Datasheet HTML 8Page - Analog Devices ADN2873 Datasheet HTML 9Page - Analog Devices ADN2873 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADN2873
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC to GND
4.2 V
IMODN, IMODP
−0.3 V to +4.8 V
All Other Pins
−0.3 to +3.9 V
Junction Temperature
150°C
Operating Temperature Range, Industrial
−40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature (TJ max)
125°C
Power Dissipation1
(TJ max − TA)/θJA W
θJA Thermal Impedance2
30°C/W
θJC Thermal Impedance
29.5°C/W
Lead Temperature (Soldering, 10 sec)
300°C
1 Power consumption equations are provided in the Power Consumption
section.
2 θJA is defined when the part is soldered on a four-layer board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADN2873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ AD-ADN2870ACPZ Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL AD-ADN2870ACPZ-RL Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL7 AD-ADN2870ACPZ-RL7 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Similar Description - ADN2873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com