Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1310BRWZ-RL1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM1310BRWZ-RL1
Description  Triple-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1310BRWZ-RL1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM1310BRWZ-RL1 Datasheet HTML 2Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 3Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 4Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 5Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 6Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 7Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 8Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 9Page - Analog Devices ADUM1310BRWZ-RL1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM1310/ADuM1311
Rev. G | Page 6 of 24
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
For All Models
Output Rise/Fall Time (10% to 90%)
tR/tF
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
at Logic High Output7
|CMH|
25
35
kV/μs
VIx = VDD1or VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity
at Logic Low Output7
|CML|
25
35
kV/μs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.1
Mbps
Input Enable Time8
tENABLE
2.0
μs
VIA, VIB, VIC = 0 V or VDD1
Input Disable Time8
tDISABLE
5.0
μs
VIA, VIB, VIC = 0 V or VDD1
Input Supply Current per Channel,
Quiescent9
IDDI (Q)
0.25
0.38
mA
Output Supply Current per Channel,
Quiescent9
IDDO (Q)
0.19
0.33
mA
Input Dynamic Supply Current
per Channel10
IDDI (D)
0.07
mA/
Mbps
Output Dynamic Supply Current
per Channel10
IDDO (D)
0.02
mA/
Mbps
1 The supply current values for all four channels are combined when running at identical data rates. Output supply current values are specified with no output load
present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the Power Consumption section.
See Figure 6 through Figure 8 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 9 through
Figure 12 for total VDD1 and VDD2 supply currents as a function of data rate for ADuM1310/ADuM1311 channel configurations.
2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed.
3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed.
4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is
measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
5 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load
within the recommended operating conditions.
6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of
the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with
inputs on opposing sides of the isolation barrier.
7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient
magnitude is the range over which the common mode is slewed.
8 Input enable time is the duration from when VDISABLE is set low until the output states are guaranteed to match the input states in the absence of any input data logic
transitions. If an input data logic transition within a given channel does occur within this time interval, the output of that channel reaches the correct state within the
much shorter duration, as determined by the propagation delay specifications within this data sheet. Input disable time is the duration from when VDISABLE is set high
until the output states are guaranteed to reach their programmed output levels, as determined by the CTRL2 logic state (see Table 13).
9 IDDx (Q) is the quiescent current drawn from the corresponding supply by a single channel. To calculate the total quiescent current, an additional inaccessible channel in
the same orientation as Channel A must be included to account for the total current consumed.
10 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See Figure 6 through Figure 8 for information
on per-channel supply current for unloaded and loaded conditions. See the Power Consumption section for guidance on calculating the per-channel supply current
for a given data rate.


Similar Part No. - ADUM1310BRWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310BRWZ-RL1 AD-ADUM1310BRWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM1310BRWZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com