Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP121-AUJZ33R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP121-AUJZ33R7
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121-AUJZ33R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP121-AUJZ33R7 Datasheet HTML 5Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 6Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 7Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 8Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 9Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 10Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 11Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 12Page - Analog Devices ADP121-AUJZ33R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP121
Rev. 0 | Page 9 of 20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VRIPPLE = 50mV
VIN = 5V
VOUT = 1.2V
COUT = 1µF
150mA
100mA
10mA
1mA
100µA
0µA
Figure 17. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VRIPPLE = 50mV
VIN = 5V
VOUT = 1.8V
COUT = 1µF
150mA
100mA
10mA
1mA
100µA
0µA
Figure 18. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VRIPPLE = 50mV
VIN = 5V
VOUT = 3.3V
COUT = 1µF
150mA
100mA
10mA
1mA
100µA
0µA
Figure 19. Power Supply Rejection Ratio vs. Frequency
0
–20
–40
–60
–80
–100
–120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
3.3V/150mA
3.3V/100µA
1.2V/150mA
1.2V/100µA
1.8V/150mA
1.8V/100µA
Figure 20. Power Supply Rejection Ratio vs. Frequency, at Various Output
Voltages and Load Currents
10
1
0.1
0
10
100
1k
10k
100k
FREQUENCY (Hz)
1.2V
1.8V
3.3V
Figure 21. Output Noise Spectrum, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
100
1000
ILOAD (mA)
3.3V
2.5V
1.8V
1.5V
1.2V
Figure 22. Output Noise vs. Load Current and Output Voltage, VIN = 5 V, COUT = 1 μF


Similar Part No. - ADP121-AUJZ33R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121-AUJZ33R7 AD-ADP121-AUJZ33R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results

Similar Description - ADP121-AUJZ33R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com