Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL330 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL330
Description  Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL330 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL330_07 Datasheet HTML 7Page - Analog Devices ADXL330_07 Datasheet HTML 8Page - Analog Devices ADXL330_07 Datasheet HTML 9Page - Analog Devices ADXL330_07 Datasheet HTML 10Page - Analog Devices ADXL330_07 Datasheet HTML 11Page - Analog Devices ADXL330_07 Datasheet HTML 12Page - Analog Devices ADXL330_07 Datasheet HTML 13Page - Analog Devices ADXL330_07 Datasheet HTML 14Page - Analog Devices ADXL330_07 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADXL330
Rev. A | Page 11 of 16
THEORY OF OPERATION
The ADXL330 is a complete 3-axis acceleration measurement
system on a single monolithic IC. The ADXL330 has a measure-
ment range of ±3 g minimum. It contains a polysilicon surface
micromachined sensor and signal conditioning circuitry to
implement an open-loop acceleration measurement architecture.
The output signals are analog voltages that are proportional to
acceleration. The accelerometer can measure the static accelera-
tion of gravity in tilt sensing applications as well as dynamic
acceleration resulting from motion, shock, or vibration.
The sensor is a polysilicon surface micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is meas-
ured using a differential capacitor that consists of independent
fixed plates and plates attached to the moving mass. The fixed
plates are driven by 180° out-of-phase square waves. Acceleration
deflects the moving mass and unbalances the differential
capacitor resulting in a sensor output whose amplitude is
proportional to acceleration. Phase-sensitive demodulation
techniques are then used to determine the magnitude and
direction of the acceleration.
The demodulator output is amplified and brought off-chip
through a 32 kΩ resistor. The user then sets the signal band-
width of the device by adding a capacitor. This filtering improves
measurement resolution and helps prevent aliasing.
MECHANICAL SENSOR
The ADXL330 uses a single structure for sensing the X, Y, and
Z axes. As a result, the three axes sense directions are highly
orthogonal with little cross axis sensitivity. Mechanical mis-
alignment of the sensor die to the package is the chief source
of cross axis sensitivity. Mechanical misalignment can, of
course, be calibrated out at the system level.
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques ensure high
performance is built-in to the ADXL330. As a result, there is
neither quantization error nor nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 3 mg over
the −25°C to +70°C temperature range).
Figure 14, Figure 15, and Figure 16 show the zero g output
performance of eight parts (X-, Y-, and Z-axis) soldered to a
PCB over a −25°C to +70°C temperature range.
Figure 26, Figure 27, and Figure 28 demonstrate the typical
sensitivity shift over temperature for supply voltages of 3 V. This
is typically better than ±1% over the −25°C to +70°C
temperature range.


Similar Part No. - ADXL330_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330KCPZ AD-ADXL330KCPZ Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330KCPZ-RL AD-ADXL330KCPZ-RL Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
More results

Similar Description - ADXL330_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com