Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

168473M63A-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 168473M63A-F
Description  Type 168/185 Metallized Polyester Radial Lead Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

168473M63A-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  168473M63A-F Datasheet HTML 1Page - Cornell Dubilier Electronics 168473M63A-F Datasheet HTML 2Page - Cornell Dubilier Electronics 168473M63A-F Datasheet HTML 3Page - Cornell Dubilier Electronics 168473M63A-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 168/185 Metallized Polyester Radial Lead Capacitors
Tape Specification - 5.0 mm Lead Spacing
Item
Code Millimeters
Inches
Standard EIA-468-B
Lead-to-Lead Distance
P 5.0+0.6 –0.2
.197+.024 –.040
Feed Hole Pitch
P
0
12.7±0.3
.5±.012
Pitch of Component
P
1
12.7±1.0
.5±.039
Hole Center to Lead
P
2
3.85±0.7
.152±.028
Feed Hole Center to
P
3
6.35±1.3
.250±.051
Component Center
Component Alignment, F-R
∆h 0±2.0
0±.079
Tape Width
W 18+1.0 –0.1
.709+.039 –.004
Hold-down Tape Width
W
0
6.0 min
.236 min
Hole Position
W
1
9.0+0.75 –0.05 .355+.030 –.001
Hold-down Tape Position
W
2
3.0 Max
.118 Max
Height of Component
H >
>
from Tape Center
Feed Hole Diameter
D
0
4.0±0.3
.157±.012
Case
Thickness Quantity
Quantity
T
Reeled Ammo Pack
2.5
2500
2000
3.5
1800
1500
4.5
1400
1300
5
1200
1000
6
1000
800
> The H dimension depends on the
insertion equipment used. Specify
the proper tooling code as indicated
below.
Tooling
H Dimensions
Code
Millimeters
Inches
A
B
16.5±0.75
18.5±0.75
.679±0.030
.728±0.030
Part Numbering System for Auto Insertion
168/185
104
K
100
R
H
B
–F
Packaging
*Tooling
RoHS
Type
Internal
Code
Compliant
Series
Capacitance Tolerance
Voltage
(#)
Code
(>)
Designation
185
102 = .001 µF J = ±5%
50 = 50 Vdc
A = Ammo
Letter
A
103 = .01 µF
K = ±10%
63 = 63 Vdc
R = Tape & Reel
B
104 = .1 µF
M = ±20%
100 = 100 Vdc
105 = 1.0 µF
250 = 250 Vdc
400 = 400 Vdc
* Tooling code (>) depends on the users insertion equipment requirements. See table for available options.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 168473M63A-F

ManufacturerPart #DatasheetDescription
logo
Heyco.
1684 HEYCO-1684 Datasheet
112Kb / 1P
   Shorty Plugs
logo
PHOENIX CONTACT
1684014 PHOENIX-1684014 Datasheet
326Kb / 5P
   Master cable - RCK-TGUM/BL12/ 5,0PUR-U
02/04/2022
1684027 PHOENIX-1684027 Datasheet
117Kb / 5P
   RCK-TGUM/BL12/10,0PUR-U
Feb 8, 2011
1684056 PHOENIX-1684056 Datasheet
124Kb / 5P
   RCK-TGUM/BL163/ 5,0PUR-U
Feb 8, 2011
1684069 PHOENIX-1684069 Datasheet
124Kb / 5P
   RCK-TGUM/BL163/10,0PUR-U
Feb 8, 2011
More results

Similar Description - 168473M63A-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
167683J63A-F CDE-167683J63A-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
Vishay Siliconix
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BFC237261223 VISHAY-BFC237261223 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT373 VISHAY-MKT373 Datasheet
373Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com