Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4961GH-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AM4961GH-E1
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4961GH-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4961GH-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4961GH-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Data Sheet
8
Jun. 2008 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ1
Lock off
11.24
15
18.76
mA
IQ2
Lock on
6.25
8
10.55
VREF Voltage
VREF
IREF=5mA
5.8
6
6.2
V
Output Saturation Voltage at
High Side
VSATH
ISOURCE=200mA
1.0
1.17
V
Output Saturation Voltage at
Low Side
VSATL
ISINK=200mA
0.2
0.3
V
COSC Frequency
fOSC
COSC=100pF
18
25
32
KHz
COSC High Level Voltage
VOSCH
3.45
3.6
3.75
V
COSC Low Level Voltage
VOSCL
1.83
1.95
2.07
V
Hall Input Hysteresis
VHYS
±10
±20
mV
Hall Bias Voltage
VHB
IHB=5mA
1.1
1.25
1.4
V
CT High Level Voltage
VCTH
3.55
3.7
3.88
V
CT Low Level Voltage
VCTL
1.55
1.7
1.85
V
CT Charge Current
ICHG
1.5
2
2.55
µA
CT Discharge Current
IDHG
0.14
0.2
0.255
µA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.5
10
14.5
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.3
V
FG Leakage Current
ILFG
VFG=12V
30
µA
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.3
V
RD Leakage Current
ILRD
VRD=12V
30
µA
(VCC=12V, TA=25
oC, unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AM4961GH-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4961GH-E1 DIODES-AM4961GH-E1 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4961GH-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com