Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHA226M25C12T Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AHA226M25C12T
Description  SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA226M25C12T Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AHA226M25C12T Datasheet HTML 1Page - Cornell Dubilier Electronics AHA226M25C12T Datasheet HTML 2Page - Cornell Dubilier Electronics AHA226M25C12T Datasheet HTML 3Page - Cornell Dubilier Electronics AHA226M25C12T Datasheet HTML 4Page - Cornell Dubilier Electronics AHA226M25C12T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type AHA
SMT Aluminum Electrolytic Capacitors 55 °C to 105 °C - Long Life
Case Dimensions
Case
Code
D ± 0.5
L
A ± 0.2
H (max) I (ref)
W
P (ref)
K
B
C
D
X
E
F
G
4
5.4 +.1,-.2
5
5.4 +.1,-.2
6.3
5.4 +.1,-.2
6.3
7.9 ±.3
8
6.2 ±.3
8
10.2 ±.3
10
10.2 ±.3
4.3
5.3
6.6
6.6
8.3
8.3
10.3
5.5
1.8
0.65 ± 0.1
1
6.5
2.2
0.65 ± 0.1
1.5
7.8
2.4
0.65 ± 0.1
1.8
7.8
2.6
0.65 ± 0.1
1.8
9.5
3.4
0.65 ± 0.1
2.2
10
3.4
0.90 ± 0.2
3.1
12
3.5
0.90 ± 0.2
4.6
0.35 + 0.15/-0.20
0.35 + 0.15/-0.20
0.35 + 0.15/-0.20
0.35 + 0.15/-0.20
0.35 + 0.15/-0.20
0.70 ± 0.20
0.70 ± 0.20
Ratings
Catalog
Cap
Part Number
(µF)
Max
DCL
2 min.
(µA)
Max
Max
Max
DF
ESR
Ripple Current
120 Hz 20 ºC
100 kHz 20 ºC
120 Hz 105 °C
( Ω )
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
6.3 Vdc ( 8 Vdc Surge)
22.0 AHA226M06B12T
33.0 AHA336M06B12T
47.0 AHA476M06B12T
47.0 AHA476M06C12T
100.0 AHA107M06C12T
3.0
3.0
3.0
3.0
6.3
0.30
22.6
29
0.35
17.6
29
0.35
12.3
36
0.30
10.6
46
0.35
5.8
47
B
B
B
C
C
4 x 5.4
4 x 5.4
4 x 5.4
5 x 5.4
5 x 5.4
2000
2000
2000
1000
1000
100.0 AHA107M06D16T
220.0 AHA227M06D16T
330.0 AHA337M06X16T
330.0 AHA337M06F24T
470.0 AHA477M06F24T
6.3
13.9
20.8
20.8
29.6
0.30
5.0
71
0.35
2.6
74
0.30
1.5
105
0.35
1.8
230
0.35
1.2
300
D
D
X
F
F
6.3 x 5.4
6.3 x 5.4
6.3 x 7.9
8 x 10.2
8 x 10.2
1000
1000
900
500
500
1000.0 AHA108M06F24T
1000.0 AHA108M06G24T
1500.0 AHA158M06G24T
63.0
63.0
94.5
0.35
0.6
300
0.35
0.6
400
0.35
0.4
480
F
G
G
8 x 10.2
10 x 10.2
10 x 10.2
500
500
500
10 Vdc ( 13 Vdc Surge)
22.0 AHA226M10B12T
33.0 AHA336M10B12T
33.0 AHA336M10C12T
47.0 AHA476M10C12T
100.0 AHA107M10D16T
3.0
3.3
3.3
4.7
10.0
0.30
22.6
28
0.30
15.1
29
0.22
11.1
43
0.30
10.6
43
0.30
5.0
70
B
B
C
C
D
4 x 5.4
4 x 5.4
5 x 5.4
5 x 5.4
6.3 x 5.4
2000
2000
1000
1000
1000
100.0 AHA107M10E16T
220.0 AHA227M10X16T
220.0 AHA227M10F24T
470.0 AHA477M10F24T
470.0 AHA477M10G24T
1000.0 AHA108M10G24T
10.0
22.0
22.0
47.0
47.0
100.0
0.26
4.3
110
0.22
1.7
105
0.26
2.0
160
0.26
0.9
200
0.26
0.9
270
0.26
0.4
580
E
X
F
F
G
G
8 x 6.2
6.3 x 7.9
8 x 10.2
8 x 10.2
10 x 10.2
10 x 10.2
1000
900
500
500
500
500
16 Vdc ( 20 Vdc Surge)
10.0 AHA106M16B12T
22.0 AHA226M16B12T
22.0 AHA226M16C12T
33.0 AHA336M16C12T
47.0 AHA476M16C12T
3.0
3.5
3.5
5.3
7.5
0.16
26.5
28
0.26
19.6
28
0.16
12.1
39
0.26
13.1
35
0.26
9.2
39
B
B
C
C
C
4 x 5.4
4 x 5.4
5 x 5.4
5 x 5.4
5 x 5.4
2000
2000
1000
1000
1000
47.0 AHA476M16D16T
100.0 AHA107M16D16T
220.0 AHA227M16X16T
220.0 AHA227M16F24T
220.0 AHA227M16G24T
7.5
16.0
35.2
35.2
35.2
0.16
5.6
70
0.26
4.3
70
0.16
1.2
105
0.20
1.5
150
0.20
1.5
210
D
D
X
F
G
6.3 x 5.4
6.3 x 5.4
6.3 x 7.9
8 x 10.2
10 x 10.2
1000
1000
900
500
500
330.0 AHA337M16F24T
330.0 AHA337M16G24T
470.0 AHA477M16F24T
470.0 AHA477M16G24T
52.8
52.8
75.2
75.2
0.20
1.0
170
0.20
1.0
230
0.20
0.7
190
0.20
0.7
340
F
G
F
G
8 x 10.2
10 x 10.2
8 x 10.2
10 x 10.2
500
500
500
500
25 Vdc ( 31 Vdc Surge)
4.7 AHA475M25B12T
10.0 AHA106M25B12T
10.0 AHA106M25C12T
22.0 AHA226M25C12T
22.0 AHA226M25D16T
3.0
3.0
3.0
5.5
5.5
0.14
49.4
22
0.20
33.2
22
0.14
23.2
28
0.20
15.1
35
0.14
10.6
55
B
B
C
C
D
4 x 5.4
4 x 5.4
5 x 5.4
5 x 5.4
6.3 x 5.4
2000
2000
1000
1000
1000
33.0 AHA336M25C12T
33.0 AHA336M25D16T
47.0 AHA476M25D16T
47.0 AHA476M25E16T
100.0 AHA107M25E16T
8.3
8.3
11.8
11.8
25.0
0.20
10.0
42
0.14
7.0
65
0.20
7.1
70
0.16
5.6
91
0.16
2.7
91
C
D
D
E
E
5 x 5.4
6.3 x 5.4
6.3 x 5.4
8 x 6.2
8 x 6.2
1000
1000
1000
1000
1000
100.0 AHA107M25F24T
220.0 AHA227M25F24T
220.0 AHA227M25G24T
330.0 AHA337M25F24T
330.0 AHA337M25G24T
470.0 AHA477M25G24T
25.0
55.0
55.0
82.5
82.5
117.5
0.16
2.7
130
0.16
1.2
160
0.16
1.2
190
0.16
0.8
180
0.16
0.8
340
0.16
0.6
360
F
F
G
F
G
G
8 x 10.2
8 x 10.2
10 x 10.2
8 x 10.2
10 x 10.2
10 x 10.2
500
500
500
500
500
500
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - AHA226M25C12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA226M25C12T-F CDE-AHA226M25C12T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA226M25C12T-F CDE-AHA226M25C12T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA226M25C12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
MLPS CDE-MLPS Datasheet
522Kb / 10P
   Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com