Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550C281T250AK2B Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 550C281T250AK2B
Description  Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550C281T250AK2B Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  550C281T250AK2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550C281T250AK2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550C281T250AK2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550C281T250AK2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550C281T250AK2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550C281T250AK2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550C281T250AK2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 550C 105 °C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Ratings
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85 °C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85 °C
120 Hz
(A)
Nominal Size
D x L
(inches)
200 Vdc (250 Vdc Surge)
11000
550C113T200DD2B
13.0
24.5
3 x 4 5/8
380
550C381T200AK2B
262.0
2.3
1 3/8 x 1 5/8
12000
550C123T200DE2B
11.5
27.0
3 x 5 1/8
690
550C691T200AA2B
146.0
3.5
1 3/8 x 2 1/8
13000
550C133T200FC2B
15.5
23.8
3 1/2 x 4 1/8
850
550C851T200AH2B
120.0
4.1
1 3/8 x 2 5/8
14000
550C143T200DF2B
10.3
29.4
3 x 5 5/8
1200
550C122T200AB2B
88.5
5.1
1 3/8 x 3 1/8
15000
550C153T200DP2D
9.8
30.6
3 x 5 7/8
1200
550C122T200EA2B
87.9
5.2
1 3/4 x 2 1/8
16000
550C163T200FD2B
13.2
26.8
3 1/2 x 4 5/8
1200
550C122T200BA2B
86.0
5.7
2 x 2 1/8
18000
550C183T200FE2B
11.7
29.4
3 1/2 x 5 1/8
1400
550C142T200EH2B
72.0
6.2
1 3/4 x 2 5/8
20000
550C203T200FF2D
10.5
31.9
3 1/2 x 5 5/8
1500
550C152T200AJ2B
70.3
6.1
1 3/8 x 3 5/8
21000
550C213T200DN2D
8.2
36.8
3 x 7 5/8
1800
550C182T200AC2B
58.5
7.0
1 3/8 x 4 1/8
22000
550C223T200FP2D
10.0
33.2
3 1/2 x 5 7/8
1800
550C182T200BH2B
60.2
7.4
2 x 2 5/8
24000
550C243T200DG2D
7.1
40.4
3 x 8 5/8
1900
550C192T200EB2B
53.1
7.7
1 3/4 x 3 1/8
30000
550C303T200FN2D
8.0
40.6
3 1/2 x 7 5/8
2100
550C212T200AD2B
50.2
7.9
1 3/8 x 4 5/8
35000
550C353T200FG2D
6.8
44.9
3 1/2x 8 5/8
2400
550C242T200AE2B
44.1
8.8
1 3/8 x 5 1/8
250 Vdc (300 Vdc Surge)
2400
550C242T200EJ2B
42.2
9.1
1 3/4 x 3 5/8
280
550C281T250AK2B
339.0
2.1
1 3/8 x 1 5/8
2500
550C252T200BB2B
43.3
9.2
2 x 3 1/8
510
550C511T250AA2B
186.0
3.1
1 3/8 x 2 1/8
2700
550C272T200AF2B
39.4
9.6
1 3/8 x 5 5/8
620
550C621T250AH2B
153.0
3.7
1 3/8 x 2 5/8
2800
550C282T200CH2B
39.1
10.5
2 1/2 x 2 5/8
850
550C851T250AB2B
113.0
4.6
1 3/8 x 3 1/8
3000
550C302T200EC2B
35.1
10.4
1 3/4 x 4 1/8
850
550C851T250EA2B
120.0
4.5
1 3/4 x 2 1/8
3200
550C322T200BJ2B
34.0
11.0
2 x 3 5/8
910
550C911T250BA2B
117.0
4.9
2 x 2 1/8
3500
550C352T200ED2B
30.2
11.7
1 3/4 x 4 5/8
1000
550C102T250EH2B
101.0
5.3
1 3/4 x 2 5/8
3900
550C392T200BC2B
28.1
12.6
2 x 4 1/8
1100
550C112T250AJ2B
89.3
5.4
1 3/8 x 3 5/8
4000
550C402T200EE2B
26.6
13.0
1 3/4 x 5 1/8
1300
550C132T250AC2B
74.1
6.2
1 3/8 x 4 1/8
4000
550C402T200CB2B
28.1
13.2
2 1/2 x 3 1/8
1300
550C132T250BH2B
82.1
6.3
2 x 2 5/8
4500
550C452T200EF2B
23.8
14.2
1 3/4 x 5 5/8
1400
550C142T250EB2B
71.3
6.6
1 3/4 x 3 1/8
4600
550C462T200BD2B
24.0
14.2
2 x 4 5/8
1500
550C152T250AD2B
63.5
7.0
1 3/8 x 4 5/8
5100
550C512T200CJ2B
22.0
15.6
2 1/2 x 3 5/8
1800
550C182T250AE2B
55.0
7.8
1 3/8 x 5 1/8
5300
550C532T200BE2B
21.1
15.7
2 x 5 1/8
1800
550C182T250EJ2B
55.9
7.9
1 3/4 x 3 5/8
5700
550C572T200DB2B
23.4
16.1
3 x 3 1/8
1800
550C182T250BB2B
59.0
7.9
2 x 3 1/8
6100
550C612T200BF2B
18.9
17.2
2 x 5 5/8
2000
550C202T250AF2B
49.7
8.5
1 3/8 x 5 5/8
6200
550C622T200CC2B
17.8
18.1
2 1/2 x 4 1/8
2100
550C212T250CH2B
50.5
9.3
2 1/2 x 2 5/8
7300
550C732T200CD2B
15.2
20.3
2 1/2 x 4 5/8
2200
550C222T250EC2B
45.8
9.1
1 3/4 x 4 1/8
7300
550C732T200DJ2B
18.3
19.1
3 x 3 5/8
2400
550C242T250BJ2B
45.3
9.5
2 x 3 5/8
8500
550C852T200CE2B
13.4
22.5
2 1/2 x 5 1/8
2600
550C262T250ED2B
39.3
10.3
1 3/4 x 4 5/8
9000
550C902T200DC2B
15.2
21.9
3 x 4 1/8
2900
550C292T250EE2B
34.5
11.4
1 3/4 x 5 1/8
9600
550C962T200CF2B
11.9
24.5
2 1/2 x 5 5/8
2900
550C292T250BC2B
37.4
10.9
2 x 4 1/8


Similar Part No. - 550C281T250AK2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T300CJ2B CDE-550C282T300CJ2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T350CC2B CDE-550C282T350CC2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T350DB2B CDE-550C282T350DB2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results

Similar Description - 550C281T250AK2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com