Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3012 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3012_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
5
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.6
16
V
Operating Temperature
TOP
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
SW Voltage
38
V
FB Voltage
5V
SHDN Voltage
16
V
Thermal Resistance (Junction to Atmosphere, no Heat sink)
RθJA
265
oC/W
Operating Junction Temperature
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Machine Model)
250
V
ESD (Human Body Model)
2000
V


Similar Part No. - AP3012_07

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
More results

Similar Description - AP3012_07

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
Diodes Incorporated
AP3012 DIODES-AP3012 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
logo
Shenzhen Huazhimei Semi...
HM3012 HMSEMI-HM3012 Datasheet
715Kb / 10P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com