Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3012KTR-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012KTR-E1
Description  1.5MHz STEP-UP DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012KTR-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3012KTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3012KTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
8
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 9. Switching Current Limit vs. Duty Cycle
Typical Performance Characteristics (Continued)
Figure 10. Feedback Voltage vs. Junction Temperature
Figure 11. Efficiency vs. Output Current
Figure 8. Efficiency vs. Junction Temperature
0
5
10
15
20
25
30
35
40
45
60
65
70
75
80
85
Output Current (mA)
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
V
OUT
=24V
L=10μH
-50
-25
0
25
50
75
100
1.24
1.25
1.26
1.27
1.28
1.29
V
IN
=5V
V
OUT
=24V
I
OUT
=30mA
Junction Temperature (
oC)
020
40
60
80
100
0
200
400
600
800
1000
1200
Duty Cycle (%)
-50
-25
0
25
50
75
100
50
55
60
65
70
75
80
85
V
IN
=5V
V
OUT
=24V
I
OUT
=30mA
Junction Temperature (
oC)


Similar Part No. - AP3012KTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3012KTR-E1 BCDSEMI-AP3012KTR-E1 Datasheet
185Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
AP3012KTR-E1 BCDSEMI-AP3012KTR-E1 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
Diodes Incorporated
AP3012KTR-E1 DIODES-AP3012KTR-E1 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
More results

Similar Description - AP3012KTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
Diodes Incorporated
AP3012 DIODES-AP3012 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
logo
Shenzhen Huazhimei Semi...
HM3012 HMSEMI-HM3012 Datasheet
715Kb / 10P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com