Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3029KTTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3029KTTR-E1
Description  WHITE LED STEP-UP CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3029KTTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3029KTTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3029KTTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Aug. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3029
Typical Performance Characteristics (Continued)
Figure 16. Switch Current Limit vs. Duty Cycle
Figure 17. Switch Saturation Voltage
vs. Switch Current
Figure 18. Feedback Voltage vs. CTRL Pin Voltage
(VF of WLED is 3.45V @ IF=20mA, unless otherwise noted )
30
40
50
60
70
80
90
100
200
300
400
500
600
700
-50
OC
25
OC
100
OC
Duty Cycle (%)
50
100
150
200
250
300
50
100
150
200
250
300
350
400
450
Switch Current (mA)
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
CTRL Voltage (V)


Similar Part No. - AP3029KTTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3029KTTR-E1 BCDSEMI-AP3029KTTR-E1 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3029KTTR-E1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com