Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3030KTR-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3030KTR-G1
Description  WHITE LED STEP-UP CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3030KTR-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3030KTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3030KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Aug. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3030
Preliminary Datasheet
(VIN=3V, VCTRL =3V, TA=25
oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Minimum Operating Voltage
VIN(min)
2.5
V
Maximum Operating Voltage
VIN(max)
16
Feedback Voltage
VFB
IOUT=20mA, 4 LEDs,
TA=-40
oC to 85oC
188
200
212
mV
FB Pin Bias Current
IFB
35
100
nA
Quiescent Current
IQ
VFB=VIN, no switching
1.5
2.5
3.2
mA
Shutdown Quiescent Current
ISHDN
VCTRL=0V
2.0
3.2
5.0
µA
Switch Frequency
f
0.9
1.2
1.5
MHz
Maximum Duty Cycle
DMAX
90
93
%
Switch Current Limit (Note 2)
ILIMIT
D=40%
550
mA
D=80%
550
Switch VCE Saturation Voltage
VCESAT
ISW=250mA
360
mV
Switch Leakage Current
VSW=5V
0.01
5
µA
CTRL Pin Voltage
VCTRL
High
1.8
V
Low
0.05
CTRL Pin Bias Current
ICTRL
40
55
72
µA
TA=85
oC
50
TA=-40
oC
75
Schottky Forward Drop
VDROP
ID=150mA
0.7
V
Schottky Leakage Current
VR=23V
0.1
4
µA
VR=27V
150
Soft Start Time
t
300
µS
Electrical Characteristics
Note 2:
The switch current limit is related to duty cycle. Please refer to Figure 16 for detail.


Similar Part No. - AP3030KTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3030KTR-E1 BCDSEMI-AP3030KTR-E1 Datasheet
694Kb / 13P
   WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3030KTR-G1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com