Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

935C1W2K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 935C1W2K-F
Description  Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935C1W2K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  935C1W2K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 935C1W2K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
Max. ESR
Max. Ripple Current (Amps RMS) 20-100 kHz
Cap.
Catalog
D
L ±0.062
d
20-100 kHz dV/dt
Case Temperature
(µF)
Part Number
(Inches)
(mm)
(Inches) (mm) (Inches) (mm)
(mΩ)
(V/μs) +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
With Wire Leads
400 Vdc (250 Vac)
1
935C4W1K-F
0.620 ± 0.093 (15.7) ± (2.4) 1.500
(38.1)
0.032 (0.8)
19
19
9.5
9.5
9.5
9.5
9.5
7.8
7.1
2
935C4W2K-F
0.802 ± 0.093 (20.4) ± (2.4) 1.750
(44.4)
0.040 (1.0)
15
16
15.0
15.0 15.0
13.4
11.6
9.5
8.7
3
935C4W3K-F
0.961 ± 0.125 (24.4) ± (3.2) 1.750
(44.4)
0.040 (1.0)
12
16
15.0
15.0 15.0
15.0
13.1
10.7
9.8
5
935C4W5K-F
1.067 ± 0.125 (27.1) ± (3.2) 2.250
(57.1)
0.040 (1.0)
10
11
15.0
15.0 15.0
15.0
15.0
12.5
11.4
10
935C4W10K-F
1.543 ± 0.125 (39.2) ± (3.2) 2.250
(57.1)
0.040 (1.0)
6
11
15.0
15.0 15.0
15.0
15.0
15.0
14.1
Max. ESR
Max. Ripple Current (Amps RMS) 20-100 kHz
Cap.
Catalog
D
L ±0.078
L
1
20-100 kHz dV/dt
Case Temperature
(µF)
Part Number
(Inches)
(mm)
(Inches) (mm) (Inches) (mm)
(mΩ)
(V/μs) +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
With Lug Leads
100 Vdc (70 Vac)
1
935H1W1K-F
0.469 ± 0.062 (11.9) ± (1.6) 0.750
(19.0)
1.640 (41.6)
15
25
10.3
9.5
8.7
7.8
6.7
5.5
5.0
2
935H1W2K-F
0.534 ± 0.062 (13.6) ± (1.6) 0.938
(23.8)
1.828 (46.4)
12
16
12.0
11.0 10.0
8.9
7.8
6.3
5.8
3
935H1W3K-F
0.624 ± 0.093 (15.8) ± (2.4) 0.938
(23.8)
1.828 (46.4)
11
16
13.3
12.3 11.2
10.0
8.7
7.1
6.5
5
935H1W5K-F
0.640 ± 0.093 (16.3) ± (2.4) 1.250
(31.7)
2.098 (53.3)
10
10
14.8
13.7 12.5
11.2
9.7
7.9
7.2
10
935H1W10K-F
0.803 ± 0.093 (20.4) ± (2.4) 1.500
(38.1)
2.252 (57.2)
9
8
17.8
16.5 15.0
13.5
11.7
9.5
8.7
20
935H1W20K-F
0.875 ± 0.125 (22.2) ± (3.2) 2.250
(57.1)
3.054 (77.6)
8
5
21.6
20.0 18.3
16.4
14.2
11.6
10.6
30
935H1W30K-F
1.075 ± 0.125 (27.3) ± (3.2) 2.250
(57.1)
3.054 (77.6)
6
5
24.3
22.5 20.5
18.4
15.9
13.0
11.9
With Lug Leads
200 Vdc (140 Vac)
1
935H2W1K-F
0.450 ± 0.062 (11.4) ± (1.6) 1.250
(31.7)
2.098 (53.3)
20
15
7.3
7.3
7.3
7.3
7.3
6.4
5.8
2
935H2W2K-F
0.605 ± 0.093 (15.4) ± (2.4) 1.250
(31.7)
2.098 (53.3)
15
15
14.3
13.3 12.1
10.8
9.4
7.7
7.0
3
935H2W3K-F
0.654 ± 0.093 (16.6) ± (2.4) 1.500
(38.1)
2.252 (57.2)
13
12
15.9
14.7 13.5
12.0
10.4
8.5
7.8
5
935H2W5K-F
0.768 ± 0.093 (19.5) ± (2.4) 1.750
(44.4)
2.570 (65.3)
11
9
18.3
17.0 15.5
13.9
12.0
9.8
8.9
10
935H2W10K-F
0.905 ± 0.125 (23.0) ± (3.2) 2.250
(57.1)
3.054 (77.6)
9
7
22.4
20.7 18.9
16.9
14.6
12.0
10.9
20
935H2W20K-F
1.315 ± 0.125 (33.4) ± (3.2) 2.250
(57.1)
3.054 (77.6)
6
7
27.4
25.4 23.2
20.7
17.9
14.7
13.4
With Lug Leads
400 Vdc (250 Vac)
1
935H4W1K-F
0.620 ± 0.093 (15.7) ± (2.4) 1.500
(38.1)
2.252 (57.2)
19
19
9.5
9.5
9.5
9.5
9.5
8.3
7.5
2
935H4W2K-F
0.802 ± 0.093 (20.4) ± (2.4) 1.750
(44.4)
2.570 (65.3)
15
16
15.0
15.0 15.0
14.2
12.3
10.0
9.1
3
935H4W3K-F
0.961 ± 0.125 (24.4) ± (3.2) 1.750
(44.4)
2.570 (65.3)
12
16
21.1
19.5 17.8
15.9
13.8
11.3
10.3
5
935H4W5K-F
1.067 ± 0.125 (27.1) ± (3.2) 2.250
(57.1)
3.054 (77.6)
10
11
24.4
22.6 20.6
18.5
16.0
13.1
11.9
10
935H4W10K-F
1.543 ± 0.125 (39.2) ± (3.2) 2.250
(57.1)
3.054 (77.6)
6
11
30.0
27.8 25.4
22.7
19.7
16.1
14.7


Similar Part No. - 935C1W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935C1W2K-F CDE-935C1W2K-F Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
935C1W2K-F CDE-935C1W2K-F Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
More results

Similar Description - 935C1W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
logo
Cornell Dubilier Electr...
170223J160AA1 CDE-170223J160AA1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com