Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM102K Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SM102K
Description  Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SM102K Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SM102K Datasheet HTML 1Page - Cornell Dubilier Electronics SM102K Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
EIA Class 2 Temperature/ Frequency Stable
Ceramic Capacitors
Specifications
Highlights
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Lead Lenght:
Insulation Resistance:
Power Factor @ 1000 Hz:
Breakdown Voltage:
100 pF to 10,000 pF
500 and 1,000 VDC
10%
-30 ºC to +85 ºC
1 inch minimum
10,000 megohms (min)
1.5% Max
2.5 x rated(5 seconds Max)
Provides exceptional stability where minimum
variation in capacitance is required
Conformally Coated
Radial Leads
Ratings
Size (inches)
Size (Millimeters)
Size (inches)
Size (Millimeters)
Part
Number
Capacity
pF
Tol
Temp
Coef D
T
S
d
D
T
S
d
Part
Number
Capacity
pF
Tol
Temp
Coef D
T
S
d
D
T
S
d
500 WVDC
1000 WVDC
SM151K
150
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP101K
100
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM221K
220
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP151K
150
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM391K
390
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP181K
180
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM471K
470
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP221K
220
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM561K
560
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP271K
270
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM681K
680
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP331K
330
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM102K 1,000
10% Y5E .339 .157 .252 .025 8.6 4.0 6.4 0.65 SP391K
390
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM222K 2,200
10% Y5E .433 .157 .252 .025 11.0 4.0 6.4 0.65 SP471K
470
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM472K 4,700
10% Y5E .571 .157 .374 .025 14.5 4.0 9.5 0.65 SP561K
560
10% Y5E .291 .236 .252 .025 7.4 6.0 6.4 0.65
SM682K 6,800
10% Y5E .748 .157 .374 .025 19.0 4.0 9.5 0.65 SP681K
680
10% Y5E .291 .236 .252 .025 7.4 6.0 6.4 0.65
SM103K 10,000 10% Y5E .748 .157 .374 .025 19.0 4.0 9.5 0.65 SP102K 1,000
10% Y5E .374 .236 .252 .025 9.5 6.0 6.4 0.65
SP152K 1,500
10% Y5E .433 .236 .252 .025 11.0 6.0 6.4 0.65
SP182K 1,800
10% Y5E .433 .236 .252 .025 11.0 6.0 6.4 0.65
SP222K 2,200
10% Y5E .492 .236 .252 .025 12.5 6.0 6.4 0.65
SP272K 2,700
10% Y5E .590 .236 .374 .025 15.0 6.0 9.5 0.65
SP392K 3,900
10% Y5E .641 .236 .374 .025 16.3 6.0 9.5 0.65
SP472K 4,700
10% Y5E .641 .236 .374 .025 16.3 6.0 9.5 0.65


Similar Part No. - SM102K

ManufacturerPart #DatasheetDescription
logo
ANYSOLAR LTD.
SM102K06L ANYSOLAR-SM102K06L Datasheet
600Kb / 6P
   High Efficiency SolarMD.
Rev. Jan. 2021
SM102K06TF ANYSOLAR-SM102K06TF Datasheet
603Kb / 6P
   High Efficiency SolarMD
Rev. May. 2021
More results

Similar Description - SM102K

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com